Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61093 Datasheet (PDF) - Texas Instruments

TPS61093 Datasheet PDF - Texas Instruments
Part # TPS61093
Download  TPS61093 Download
File Size   1547.64 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation

TPS61093 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61093 Datasheet PDF - Texas Instruments

Part # TPS61093
Download  TPS61093 Click to download

File Size   1547.64 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation

TPS61093 Datasheet (HTML) - Texas Instruments


TPS61093 Product details

1 Features
1• Input range: 1.6 V to 6 V
• Integrated power diode and isolation FET
• 20-V Internal switch FET with 1.1-A current
• Fixed 1.2-MHz switching frequency
• Efficiency at 15-V output up to 88%
• Overload and overvoltage protection
• Programmable soft start-up
• Load discharge path after IC shutdown
• 2.5 mm × 2.5 mm × 0.8 mm WSON package
• Create a custom design using the TPS61093 with
the WEBENCH® Power Designer

2 Applications
• Glucose meters
• OLED power supplies
• 3.3-V to 12-V, 5-V to 12-V Boost converters

3 Description
The TPS61093 is a 1.2-MHz, fixed-frequency boost
converter designed for high integration and high
reliability. The IC integrates a 20-V power switch,
input/output isolation switch, and power diode. When
the output current exceeds the overload limit, the
isolation switch of the IC opens up to disconnect the
output from the input, thus protecting the IC and the
input supply. The isolation switch also disconnects
the output from the input during shutdown to minimize
leakage current. When the IC is shut down, the
output capacitor is discharged to a low voltage level
by internal diodes. Other protection features include
1.1-A peak overcurrent protection (OCP) at each
cycle, output overvoltage protection (OVP), thermal
shutdown, and undervoltage lockout (UVLO).
With its 1.6-V minimum input voltage, the IC can be
powered by two alkaline batteries, a single Li-ion
battery, or 3.3-V and 5-V regulated supply. The
output can be boosted up to 17 V. The TPS61093 is
available in 2.5 mm × 2.5 mm VSON package with
thermal pad.




Similar Part No. - TPS61093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093 TI-TPS61093 Datasheet
1Mb / 27P
TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1 Datasheet
1Mb / 27P
TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093DSK TI-TPS61093DSK Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
More results


Similar Description - TPS61093

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
February 22, 2008
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
TPS61093 TI-TPS61093_15 Datasheet
1Mb / 25P
TPS61093 Low-Input Boost Converter With Integrated Power Diode and Input/Output Isolation
TPS61093-Q1 TI-TPS61093-Q1_15 Datasheet
1Mb / 27P
TPS61093-Q1 Low Input Boost Converter With Integrated Power Diode and Input/Output Isolation
logo
AIMTEC
AM6TIW-RZ AIMTEC-AM6TIW-RZ Datasheet
174Kb / 4P
Input / Output Isolation 1500 and 3000VDC
AM6TI-Z AIMTEC-AM6TI-Z Datasheet
190Kb / 4P
Input / Output Isolation 1500 and 3000VDC
logo
Texas Instruments
TLV61046A TI1-TLV61046A Datasheet
1Mb / 24P
28-V Output Voltage Boost Converter with Power Diode and Isolation Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com