Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61165DBVR Datasheet (PDF) - Texas Instruments

TPS61165DBVR Datasheet PDF - Texas Instruments
Part # TPS61165DBVR
Download  TPS61165DBVR Download
File Size   1716.97 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages

TPS61165DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61165DBVR Datasheet PDF - Texas Instruments

Part # TPS61165DBVR
Download  TPS61165DBVR Click to download

File Size   1716.97 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61165 High-Brightness, White LED Driver in WSON and SOT-23 Packages

TPS61165DBVR Datasheet (HTML) - Texas Instruments


TPS61165DBVR Product details

1 Features
1• 3-V to 18-V Input voltage range
• 38-V Open LED protection
• 200-mV Reference voltage with 2% accuracy
• 1.2-A Switch FET with 1.2-MHz switching
frequency
• Flexible one-wire digital and PWM brightness
control
• Built-in soft start
• Up to 90% efficiency
• 2-mm × 2-mm × 0.8-mm 6-Pin WSON package
with thermal pad, and SOT-23 package

2 Applications
• High-brightness LED lighting
• White LED backlighting for media form factor
display
• Handheld data terminals (EPOS)
• Thermostat display
• Human machine interface (HMI)
• Video surveillance camera
• Exit signs
• HMI and control panels
• Industrial PCs
• IR LED driver
• Refrigerator
• Ovens

3 Description
With a 40-V rated integrated switch FET, the
TPS61165 device is a boost converter that drives
LEDs in series. The boost converter runs at a
1.2-MHz fixed switching frequency with 1.2-A switch
current limit, allowing the use of a high-brightness
LED in general lighting.
The default white LED current is set with the external
sensor resistor Rset, and the feedback voltage is
regulated to 200 mV, as shown in the Typical
Application drawing below. During the operation, the
LED current can be controlled using the one-wire
digital interface (EasyScale™ protocol) through the
CTRL pin. Alternatively, a pulse-width-modulation
(PWM) signal can be applied to the CTRL pin through
which the duty cycle determines the feedback
reference voltage. In either digital or PWM mode, the
TPS61165 device does not burst the LED current;
therefore, it does not generate audible noises on the
output capacitor. For maximum protection, the device
features integrated open-LED protection that disables
the TPS61165 device to prevent the output from
exceeding its absolute maximum voltage ratings
during open LED conditions.




Similar Part No. - TPS61165DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DBVR TI-TPS61165DBVR Datasheet
862Kb / 26P
High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165DBVR TI1-TPS61165DBVR Datasheet
1Mb / 33P
High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results


Similar Description - TPS61165DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
High Brightness White LED Driver in SOT-23 Package
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
Small Packages: SOT-23, TO-92 and SC70
logo
Monolithic Power System...
MP4000 MPS-MP4000 Datasheet
557Kb / 12P
Offline High Brightness White LED Driver Controller
logo
Texas Instruments
LMR10510 TI1-LMR10510_14 Datasheet
1Mb / 26P
SIMPLE SWITCHER짰 5.5Vin, 1A Step-Down Voltage Regulator in SOT-23 and WSON
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
High-Brightness, White LED Driver in WSON and SOT-23 Packages
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
Universal Input High Brightness White LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com