Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61220 Datasheet (PDF) - Texas Instruments

TPS61220 Datasheet PDF - Texas Instruments
Part # TPS61220
Download  TPS61220 Download
File Size   1238.7 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5μA Quiescent Current

TPS61220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61220 Datasheet PDF - Texas Instruments

Part # TPS61220
Download  TPS61220 Click to download

File Size   1238.7 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5μA Quiescent Current

TPS61220 Datasheet (HTML) - Texas Instruments


TPS61220 Product details

1 Features
1• Up to 95% Efficiency at Typical Operating
Conditions
• 5.5 μA Quiescent Current
• Startup Into Load at 0.7 V Input Voltage
• Operating Input Voltage from 0.7 V to 5.5 V
• Pass-Through Function during Shutdown
• Minimum Switching Current 200 mA
• Protections:
– Output Overvoltage
– Overtemperature
– Input Undervoltage Lockout
• Adjustable Output Voltage from 1.8 V to 6 V
• Fixed Output Voltage Versions
• Small 6-pin SC-70 Package

2 Applications
• Battery Powered Applications
– 1 to 3 Cell Alkaline, NiCd or NiMH
– 1 cell Li-Ion or Li-Primary
• Solar or Fuel Cell Powered Applications
• Consumer and Portable Medical Products
• Personal Care Products
• White or Status LEDs
• Smartphones

3 Description
The TPS6122x family devices provide a power-supply
solution for products powered by either a single-cell,
two-cell, or three-cell alkaline, NiCd or NiMH, or one-
cell Li-Ion or Li-polymer battery. Possible output
currents depend on the input-to-output voltage ratio.
The boost converter is based on a hysteretic
controller topology using synchronous rectification to obtain maximum efficiency at minimal quiescent
currents. The output voltage of the adjustable version
can be programmed by an external resistor divider, or
is set internally to a fixed output voltage. The converter can be switched off by a featured enable
pin. While being switched off, battery drain is
minimized. The device is offered in a 6-pin SC-70
package (DCK) measuring 2 mm x 2 mm to enable
small circuit layout size.




Similar Part No. - TPS61220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61220 TI1-TPS61220 Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCK TI1-TPS61220DCK Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKR TI1-TPS61220DCKR Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220DCKT TI1-TPS61220DCKT Datasheet
1Mb / 22P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
More results


Similar Description - TPS61220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com