Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61240 Datasheet (PDF) - Texas Instruments

TPS61240 Datasheet PDF - Texas Instruments
Part # TPS61240
Download  TPS61240 Download
File Size   1603.95 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6124x 3.5-MHz High Efficiency Step-Up Converter

TPS61240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61240 Datasheet PDF - Texas Instruments

Part # TPS61240
Download  TPS61240 Click to download

File Size   1603.95 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6124x 3.5-MHz High Efficiency Step-Up Converter

TPS61240 Datasheet (HTML) - Texas Instruments


TPS61240 Product details

1 Features
1• Efficiency > 90% at Nominal Operating Conditions
• Total DC Output Voltage Accuracy 5.0 V±2%
• Typical 30-μA Quiescent Current
• Best in Class Line and Load Transient
• Wide V IN Range From 2.3 V to 5.5 V
• Output Current up to 450 mA
• Automatic PFM/PWM Mode Transition
• Low Ripple Power Save Mode for Improved
Efficiency at Light Loads
• Internal Softstart, 250-μs Typical Start-Up Time
• 3.5-MHz Typical Operating Frequency
• Load Disconnect During Shutdown
• Current Overload and Thermal Shutdown
Protection
• Three Surface-Mount External Components
Required (One MLCC Inductor, Two Ceramic
Capacitors)
• Total Solution Size <13 mm2
• Available in a 6-Pin DSBGA and 2-mm × 2-mm
WSON Package

2 Applications
• USB-OTG Applications
• Portable HDMI Applications
• Cell Phones, Smart Phones
• PDAs, Pocket PCs
• Portable Media Players
• Digital Cameras

3 Description
The TPS6124x device is a highly efficient
synchronous step-up DC-DC converter optimized for products powered by either a three-cell alkaline, NiCd
or NiMH, or one-cell Li-Ion or Li-Polymer battery. The
TPS6124x supports output currents up to 450 mA.
The TPS61240 has an input valley current limit of 500
mA, and the TPS61241 has an input valley current of
600 mA.
With an input voltage range of 2.3 V to 5.5 V, the
device supports batteries with extended voltage
range and are ideal to power portable applications
like mobile phones and other portable equipment.
The TPS6124x boost converter is based on a quasi- constant on-time valley current mode control scheme.
The TPS6124x presents a high impedance at the
VOUT pin when shut down. This allows for use in applications that require the regulated output bus to
be driven by another supply while the TPS6124x is
shut down.
During light loads the device will automatically pulse
skip allowing maximum efficiency at lowest quiescent
currents. In the shutdown mode, the current
consumption is reduced to less than 1 μA.
TPS6124x allows the use of small inductors and
capacitors to achieve a small solution size. During
shutdown, the load is completely disconnected from
the battery. The TPS6124x is available in a 6-pin DSBGA and 2-mm × 2-mm WSON package.




Similar Part No. - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI1-TPS61240 Datasheet
1Mb / 26P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
1Mb / 26P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
More results


Similar Description - TPS61240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
3.5-MHz High Efficiency Step-Up Converter
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com