Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62060 Datasheet (PDF) - Texas Instruments

TPS62060 Datasheet PDF - Texas Instruments
Part # TPS62060
Download  TPS62060 Download
File Size   2059.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm × 2-mm WSON Package

TPS62060 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62060 Datasheet PDF - Texas Instruments

Part # TPS62060
Download  TPS62060 Click to download

File Size   2059.89 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm × 2-mm WSON Package

TPS62060 Datasheet (HTML) - Texas Instruments


TPS62060 Product details

1 Features
1• 3-MHz Switching Frequency
• V IN Range from 2.7 V to 6 V
• 1.6-A Output Current
• Up to 97% Efficiency
• Power Save Mode and 3-MHz Fixed PWM Mode
• Output Voltage Accuracy in PWM Mode ±1.5%
• Output Discharge Function
• Typical 18-μA Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• Voltage Positioning
• Clock Dithering
• Supports Maximum 1-mm Height Solutions
• Available in a 2 mm × 2 mm × 0.75 mm WSON

2 Applications
• Point of Load (POL)
• Notebooks, Pocket PCs
• Portable Media Players
• DSP Supplies

3 Description
The TPS6206x is a family of highly efficient
synchronous step-down DC-DC converters. They
provide up to 1.6-A output current.
With an input voltage range of 2.7 V to 6 V, the
device is a perfect fit for power conversion from a
single Li-Ion battery as well from 5-V or 3.3-V system
supply rails. The TPS6206x operates at 3-MHz fixed
frequency and enters power save mode operation at light load currents to maintain high efficiency over the
entire load current range. The power save mode is
optimized for low output voltage ripple. For low noise
applications, the device can be forced into fixed
frequency PWM mode by pulling the MODE pin high.
In the shutdown mode, the current consumption is reduced to less than 1 μA and an internal circuit
discharges the output capacitor.
TPS6206x family is optimized for operation with a tiny 1-μH inductor and a small 10-μF output capacitor to
achieve smallest solution size and high regulation
performance.
The TPS6206x operates over a free air temperature
of –40°C to 85°C. The device is available in a small
2-mm × 2-mm × 0.75-mm 8-pin WSON PowerPAD™
integrated circuit package.




Similar Part No. - TPS62060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060 TI1-TPS62060 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62060DSG TI-TPS62060DSG Datasheet
825Kb / 21P
3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI-TPS62060DSGR Datasheet
825Kb / 21P
3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results


Similar Description - TPS62060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com