Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62090 Datasheet (PDF) - Texas Instruments

TPS62090 Datasheet PDF - Texas Instruments
Part # TPS62090
Download  TPS62090 Download
File Size   1084.97 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6209x 3-A High Efficiency Synchronous Step Down Converter with DCS-Control™

TPS62090 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62090 Datasheet PDF - Texas Instruments

Part # TPS62090
Download  TPS62090 Click to download

File Size   1084.97 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6209x 3-A High Efficiency Synchronous Step Down Converter with DCS-Control™

TPS62090 Datasheet (HTML) - Texas Instruments


TPS62090 Product details

1 Features
1• 2.5 V to 6 V Input Voltage Range
• DCS-Control™
• 95% Converter Efficiency
• Power Save Mode
• 20 μA Operating Quiescent Current
• 100% Duty Cycle for Lowest Dropout
• 2.8 MHz/1.4 MHz Typical Switching Frequency
• 0.8 V to VIN Adjustable Output Voltage
• Fixed Output Voltage Versions
• Output Discharge Function
• Adjustable Softstart
• Hiccup Short Circuit Protection
• Output Voltage Tracking
• Pin-to-pin compatible with TPS62095

2 Applications
• Distributed Power Supplies
• Notebook, Netbook Computers
• Hard Disk Drivers (HDD)
• Solid State Drives (SSD)
• Processor Supply
• Battery Powered Applications

3 Description
The TPS6209x devices are a family of high frequency
synchronous step down converters optimized for
small solution size, high efficiency and suitable for
battery powered applications. To maximize efficiency,
the converters operate in pulse width modulation
(PWM) mode with a nominal switching frequency of
2.8 MHz/1.4 MHz and automatically enter power save
mode operation at light load currents. When used in
distributed power supplies and point of load
regulation, the devices allow voltage tracking to other
voltage rails and tolerate output capacitors ranging
from 10 μF up to 150 μF and beyond. Using the
DCS-Control™ topology the devices achieve
excellent load transient performance and accurate
output voltage regulation.
The output voltage start-up ramp is controlled by the
softstart pin, which allows operation as either a standalone
power supply or in tracking configurations.
Power sequencing is also possible by configuring the
enable and power good pins. In power save mode,
the devices operate at typically 20 μA quiescent
current. Power save mode is entered automatically
and seamlessly maintaining high efficiency over the
entire load current range.




Similar Part No. - TPS62090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 29P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI2-TPS62090 Datasheet
1Mb / 30P
TPS6209x 3-A High Efficiency Synchronous Step Down Converter with DCS-Control™
REVISED OCTOBER 2016
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TPS62090-Q1 TI2-TPS62090-Q1 Datasheet
1Mb / 30P
TPS6209x 3-A High Efficiency Synchronous Step Down Converter with DCS-Control™
REVISED OCTOBER 2016
More results


Similar Description - TPS62090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com