Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62080A Datasheet (PDF) - Texas Instruments

TPS62080A Datasheet PDF - Texas Instruments
Part # TPS62080A
Download  TPS62080A Download
File Size   1589.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode

TPS62080A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS62080A Datasheet PDF - Texas Instruments

Part # TPS62080A
Download  TPS62080A Click to download

File Size   1589.86 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control™ and Snooze Mode

TPS62080A Datasheet (HTML) - Texas Instruments


TPS62080A Product details

1 Features
1• DCS-Control™ Architecture for Fast Transient
Regulation
• Snooze Mode for 6.5-μA Ultra Low Quiescent
Current
• 2.3-V to 6-V Input Voltage Range
• 100% Duty Cycle for Lowest Dropout
• Power Save Mode for Light-Load Efficiency
• Output Discharge Function
• Short-Circuit Protection
• Power-Good Output
• Thermal Shutdown
• Available in 2-mm × 2-mm 8-Pin WSON Package

2 Applications
• Battery-Powered Portable Devices
• Point of Load Regulators
• System Power Rail Voltage Conversion

3 Description
The TPS6208x devices are a family of high frequency
synchronous step down converters. With an input
voltage range of 2.3 V to 6 V, common battery
technologies are supported. Alternatively, the device
can be used for low voltage system power rails.
The TPS6208x focuses on high efficiency step-down
conversion over a wide output current range. At
medium to heavy loads, the converter operates in
PWM mode and automatically enters Power Save
Mode operation at light load currents to maintain high
efficiency over the entire load current range. To
maintain high efficiency at very low load or no load
currents, a Snooze Mode with an ultra-low quiescent
current is implemented. This function, enabled by the
MODE pin, increases the run-time of battery driven
applications and keeps the standby current at its
lowest level to meet green energy standards targeting
a low stand-by current.
To address the requirements of system power rails,
the internal loop compensation allows a large
selection of external output capacitor values in
excess of 100 μF. With its DCS-Control™
architecture, excellent load transient performance and
output voltage regulation accuracy is achieved. The
device is available in 2-mm × 2-mm WSON package
with Thermal PAD.




Similar Part No. - TPS62080A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI-TPS62080A Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080A TI1-TPS62080A Datasheet
1Mb / 28P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080ADGNR TI1-TPS62080ADGNR Datasheet
877Kb / 26P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62080ADGNT TI1-TPS62080ADGNT Datasheet
877Kb / 26P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results


Similar Description - TPS62080A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
1.2A High Efficient Step Down Converter with Snooze Mode
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
TPS62095 TI-TPS62095_15 Datasheet
1Mb / 27P
TPS62095 4A, High Efficiency Step Down Converter with DCS-Control??and Low Profile Solution
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
4-A High Efficiency Step Down Converter with DCS-Control
TPS62095 TI1-TPS62095_16 Datasheet
1Mb / 27P
TPS62095 4A, High Efficiency Step Down Converter with DCS-Control and Low Profile Solution
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com