Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS613222ADBVT Datasheet (PDF) - Texas Instruments

TPS613222ADBVT Datasheet PDF - Texas Instruments
Part # TPS613222ADBVT
Download  TPS613222ADBVT Download
File Size   3078.3 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter

TPS613222ADBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS613222ADBVT Datasheet PDF - Texas Instruments

Part # TPS613222ADBVT
Download  TPS613222ADBVT Click to download

File Size   3078.3 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS61322 6.5-μA Quiescent current, 1.8-A switch current boost converter

TPS613222ADBVT Datasheet (HTML) - Texas Instruments


TPS613222ADBVT Product details

1 Features
• Operating input voltage range: 0.9 V to 5.5 V
• Output voltage range: 1.8 V to 5.5 V
• 6.5-μA Quiescent current into VOUT pin
• ±3% Output voltage accuracy over temperature
• Minimum switch peak-current limit:
– 0.42 A for TPS613223A
– 0.5 A for TPS61322
– 0.75 A for TPS613221A and TPS613226A
– 1.10 A for TPS613222A
• Higher than 90% efficiency at 10-mA load from
1.5-V to 2.2-V conversion
• Thermal shutdown protection
• 2.9-mm × 1.3-mm 3-pin SOT package and 2.9-mm
× 1.6-mm 5-pin SOT package
• Create a custom design using the TPS61322 with
the WEBENCH® Power Designer

2 Applications
• 1-cell to 3-cell Alkaline or NiMH battery-powered
applications
• Gaming control
• Tablet
• Portable electronics
• Medical equipment

3 Description
The TPS61322 is a synchronous boost converter
with only 6.5-μA quiescent current. The TPS61322
provides a power-supply solution for products
powered by alkaline battery, NiMH rechargeable
battery, or one-cell Li-ion battery. The boost
converter is based on a hysteretic control topology
using synchronous rectification to obtain maximum
efficiency at minimal quiescent current. The
TPS61322 also allows the use of small external
inductor and capacitors. Higher than 90% efficiency
is achieved at 10-mA load from 1.5-V input to 2.2-V
output conversion.
The TPS61322 can also support high output current
applications with an external schottky diode. The
TPS613222A provides higher than 500-mA output
current capability at 3-V input voltage to 5-V output
voltage conversion with an external Schottky diode in
parallel with the internal rectifier FET.
The output voltage is set internally to a fixed output
voltage from 1.8 V to 5.5 V in increments of 0.1
V. Thus, it only needs two external components to
get the desired output voltage. The TPS61322 also
implements thermal shutdown protection function.
The TPS61322 is available in a 2.9-mm × 1.3-mm
3-pin SOT package or a 2.9-mm × 1.6-mm 5-pin SOT
package.




Similar Part No. - TPS613222ADBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS613222ADBVT TI1-TPS613222ADBVT Datasheet
1Mb / 29P
6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
More results


Similar Description - TPS613222ADBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Linear Technology
LT8494 LINER-LT8494 Datasheet
605Kb / 26P
SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com