Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65000 Datasheet (PDF) - Texas Instruments

TPS65000 Datasheet PDF - Texas Instruments
Part # TPS65000
Download  TPS65000 Download
File Size   3388.78 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6500xx 2.25-MHz Step-Down Converter With Dual Low Dropouts and Supply Voltage Supervisor

TPS65000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65000 Datasheet PDF - Texas Instruments

Part # TPS65000
Download  TPS65000 Click to download

File Size   3388.78 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS6500xx 2.25-MHz Step-Down Converter With Dual Low Dropouts and Supply Voltage Supervisor

TPS65000 Datasheet (HTML) - Texas Instruments


TPS65000 Product details

1 Features
1• Step-Down Converters:
– V IN Range From 2.3 V to 6 V
– Spread Spectrum Clock (SSC) Generation for
Reduced EMI
– 2.25-MHz Fixed Frequency Operation
– 600-mA or 1-A (TPS650061) Output Current
• Low Dropouts (LDOs):
– VIN Range From 1.6 V to 6 V
– Adjustable Output Voltage
– Up to 300-mA Output Current
– Separate Power Inputs and Enables
• Supply Voltage Supervisor (TPS65001)
– Manual Reset Input for Push Button
– Adjustable Reset Time
– Adjustable Reset Voltage
• 3-mm × 3-mm 16-Pin WQFN (TPS65000)
• 3-mm × 3-mm 20-Pin WQFN (TPS65001)

2 Applications
• Points-of-Load
• Embedded Processor Power
• Cell Phones
• Smart Phones
• PDAs
• Pocket PCs
• Portable Media Players

3 Description
The TPS6500xx devices are single-chip power
management (PWM) ICs for portable applications.
Both devices combine a single step-down converter
with two low-dropout (LDO) regulators. The step-
down converter enters a low-power mode at light load
for maximum efficiency across the widest possible
range of load currents. For low-noise applications, the devices can be forced into fixed-frequency PWM
through a pin. The step-down converter is small
because of its small inductor and capacitors. The
step-down converter has power good status output for sequencing. The LDOs can supply 300 mA and
operate with an input voltage range from 1.6 V to 6 V.
A step-down converter or main battery can power the
LDOs directly. The step-down converter and the LDOs have separate voltage inputs that enable
maximum design and sequencing flexibility.




Similar Part No. - TPS65000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000 TI1-TPS65000 Datasheet
2Mb / 34P
2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
2.25-MHz Step-Down Converter
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
2.25 MHz Step Down Converter with Dual LDOs and SVS
More results


Similar Description - TPS65000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001 TI1-TPS650001 Datasheet
2Mb / 34P
2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
2.25-MHz Step-Down Converter With Dual LDOs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com