Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74763 Datasheet (PDF) - Molex Electronics Ltd.

74763 Datasheet PDF - Molex Electronics Ltd.
Part # 74763
Download  74763 Download
File Size   43.15 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description QSFP Interconnect Solution

74763 Datasheet (PDF)

Go To PDF Page Download Datasheet
74763 Datasheet PDF - Molex Electronics Ltd.

Part # 74763
Download  74763 Click to download

File Size   43.15 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description QSFP Interconnect Solution

74763 Datasheet (HTML) - Molex Electronics Ltd.


74763 Product details

Description: QSFP+ Universal Loopback Adapter, 100 Ohms Impedance, Serial ID, 0dB, 12C Port Expander

Application Module-to-Board




Similar Part No. - 74763

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74763 MOLEX-74763 Datasheet
43Kb / 1P
QSFP Interconnect Solution
08/24/2018
74763-0025 MOLEX-74763-0025 Datasheet
43Kb / 1P
QSFP Interconnect Solution
08/24/2018
More results


Similar Description - 74763

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
I2MI VPC-I2MI Datasheet
1Mb / 4P
Hybrid Solution
logo
Samtec, Inc
QSFPC-PF-01-F SAMTEC-QSFPC-PF-01-F Datasheet
432Kb / 4P
QSFP CAGE
logo
TXC Corporation.
BC-SERIES TXC-BC-SERIES Datasheet
963Kb / 1P
PLL solution.
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-15M-C ATGBICS-40G-QSFP-QSFP-AOC-15M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-15M Brocade Compatible Active Optical Cable 40G QSFP (15m)
40G-QSFP-QSFP-AOC-1M-C ATGBICS-40G-QSFP-QSFP-AOC-1M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-1M Brocade Compatible Active Optical Cable 40G QSFP (1m)
40G-QSFP-QSFP-AOC-2M-C ATGBICS-40G-QSFP-QSFP-AOC-2M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-2M Brocade Compatible Active Optical Cable 40G QSFP (2m)
40G-QSFP-QSFP-AOC-30M-C ATGBICS-40G-QSFP-QSFP-AOC-30M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-30M Brocade Compatible Active Optical Cable 40G QSFP (30m)
40G-QSFP-QSFP-AOC-7M-C ATGBICS-40G-QSFP-QSFP-AOC-7M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-7M Brocade Compatible Active Optical Cable 40G QSFP (7m)
logo
TE Connectivity Ltd
SFF-TA-1002 TEC-SFF-TA-1002 Datasheet
1Mb / 6P
SLIVER INTERNAL CABLED INTERCONNECT SOLUTION
04/2019
logo
Molex Electronics Ltd.
47346 MOLEX-47346 Datasheet
126Kb / 2P
0.65mm (.0256”) Pitch Micro-USB Interconnect Solution
2009
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com