Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51822-QFAA-R7 Datasheet (PDF) - Nordic Semiconductor

NRF51822-QFAA-R7 Datasheet PDF - Nordic Semiconductor
Part # NRF51822-QFAA-R7
Download  NRF51822-QFAA-R7 Download
File Size   8164.21 Kbytes
Page   130 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip

NRF51822-QFAA-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF51822-QFAA-R7 Datasheet PDF - Nordic Semiconductor

Part # NRF51822-QFAA-R7
Download  NRF51822-QFAA-R7 Click to download

File Size   8164.21 Kbytes
Page   130 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip

NRF51822-QFAA-R7 Datasheet (HTML) - Nordic Semiconductor


NRF51822-QFAA-R7 Product details

Key Features
• 2.4 GHz transceiver
• -93 dBm sensitivity in Bluetooth® low energy mode
• 250 kbps, 1 Mbps, 2 Mbps supported data rates
• TX Power -20 to +4 dBm in 4 dB steps
• TX Power -30 dBm Whisper mode
• 13 mA peak RX, 10.5 mA peak TX (0 dBm)
• 9.7 mA peak RX, 8 mA peak TX (0 dBm) with DC/DC
• RSSI (1 dB resolution)
• ARM® Cortex™-M0 32 bit processor
• 275 μA/MHz running from flash memory
• 150 μA/MHz running from RAM
• Serial Wire Debug (SWD)
• S100 series SoftDevice ready
• Memory
• 256 kB or 128 kB embedded flash program memory
• 16 kB or 32 kB RAM
• On-air compatibility with nRF24L series
• Flexible Power Management
• Supply voltage range 1.8 V to 3.6 V
• 4.2 μs wake-up using 16 MHz RCOSC
• 0.6 μA at 3 V OFF mode
• 1.2 μA at 3 V in OFF mode + 1 region RAM retention
• 2.6 μA at 3 V ON mode, all blocks IDLE
• 8/9/10 bit ADC - 8 configurable channels
• 31 General Purpose I/O Pins
• One 32 bit and two 16 bit timers with counter mode
• SPI Master/Slave
• Low power comparator
• Temperature sensor
• Two-wire Master (I2C compatible)
• UART (CTS/RTS)
• CPU independent Programmable Peripheral Interconnect (PPI)
• Quadrature Decoder (QDEC)
• AES HW encryption
• Real Timer Counter (RTC)
• Package variants
• QFN48 package, 6 x 6 mm
• WLCSP package, 3.50 x 3.83 x 0.50 mm
• WLCSP package, 3.50 x 3.83 x 0.35 mm
• WLCSP package, 3.83 x 3.83 x 0.50 mm
• WLCSP package, 3.83 x 3.83 x 0.35 mm
• WLCSP package, 3.50 x 3.33 x 0.50 mm

Applications
• Computer peripherals and I/O devices
• Mouse
• Keyboard
• Multi-touch trackpad
• Interactive entertainment devices
• Remote control
• Gaming controller
• Beacons
• Personal Area Networks
• Health/fitness sensor and monitor devices
• Medical devices
• Key-fobs + wrist watches
• Remote control toys




Similar Part No. - NRF51822-QFAA-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
nRF51822-DK ETC1-nRF51822-DK Datasheet
256Kb / 2P
Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
More results


Similar Description - NRF51822-QFAA-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com