Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS560200DBVR.B Datasheet (PDF) - Texas Instruments

TPS560200DBVR.B Datasheet PDF - Texas Instruments
Part # TPS560200DBVR.B
Download  TPS560200DBVR.B Download
File Size   658.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter With Advanced Eco-Mode™

TPS560200DBVR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS560200DBVR.B Datasheet PDF - Texas Instruments

Part # TPS560200DBVR.B
Download  TPS560200DBVR.B Click to download

File Size   658.82 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter With Advanced Eco-Mode™

TPS560200DBVR.B Datasheet (HTML) - Texas Instruments


TPS560200DBVR.B Product details

1 Features
1• Integrated Monolithic 0.95-Ω High-Side and 0.33-
Ω Low-Side MOSFETs
• 500-mA Continuous Output Current
• Output Voltage Range: 0.8 V to 6.5 V
• 0.8-V Voltage Reference With ±1.3% Accuracy
Over Temperature
• Auto-Skip Advanced Eco-Mode™ for High
Efficiency at Light Loads
• D-CAP2™ Mode Enables Fast Transient
Responses
• No External Compensation Needed
• 600-kHz Switching Frequency
• 2-ms Internal Soft-Start
• Safe Start-Up into Prebiased VOUT
• Thermal Shutdown
• –40°C to 125°C Operating Junction Temperature
Range
• Available in 5-Pin SOT-23 Package

2 Applications
• Set Top Boxes
• Modems
• DTBs
• ASDLs

3 Description
The TPS560200 is an 17-V, 500-mA, low-Iq, adaptive
on-time D-CAP2 mode synchronous monolithic buck
converter with integrated MOSFETs in easy-to-use 5-
pin SOT-23 package.
The TPS560200 lets system designers complete the
suite of various end-equipment power bus regulators
with a cost-effective, low component count and low
standby current solution. The main control loop for
the device uses the D-CAP2 mode control that
provides a fast transient response with no external
compensation components. The adaptive on-time
control supports seamless transition between PWM
mode at higher load conditions and advanced Eco-
Mode operation at light loads.
The TPS560200 also has a proprietary circuit that
enables the device to adopt to both low equivalent
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 17-V
VIN input. The output voltage can be programmed
between 0.8 V and 6.5 V. The device also features a
fixed 2-ms soft-start time. The device is available in
the 5-pin SOT-23 package.




Similar Part No. - TPS560200DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200DBVR TI1-TPS560200DBVR Datasheet
950Kb / 18P
4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200DBVR TI-TPS560200DBVR Datasheet
912Kb / 18P
4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
TPS560200DBVR TI1-TPS560200DBVR Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200DBVRT TI1-TPS560200DBVRT Datasheet
950Kb / 18P
4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
More results


Similar Description - TPS560200DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com