Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65012 Datasheet (PDF) - Texas Instruments

TPS65012 Datasheet PDF - Texas Instruments
Part # TPS65012
Download  TPS65012 Download
File Size   2083.68 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65012 Power and Battery Management IC for Li-Ion Powered Systems

TPS65012 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65012 Datasheet PDF - Texas Instruments

Part # TPS65012
Download  TPS65012 Click to download

File Size   2083.68 Kbytes
Page   64 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65012 Power and Battery Management IC for Li-Ion Powered Systems

TPS65012 Datasheet (HTML) - Texas Instruments


TPS65012 Product details

1 Features
1• Linear Charger Management for Single Li-Ion or ACLi-
Polymer Cells
• Dual Input Ports for Charging From USB or From
Wall Plug, Handles 100-mA and 500-mA USB
Requirements
• Charge Current Programmable via External
Resistor
• 1-A, 95% Efficient Step-Down Converter for I/O
and Peripheral Components (VMAIN)
• 400-mA, 90% Efficient Step-Down Converter for
Processor Core (VCORE)
• 2x 200-mA LDOs for I/O and Peripheral
Components, LDO Enable via Bus
• Serial Interface Compatible With I2C, Supports
100-kHz, 400-kHz Operation
• LOW_PWR Pin to Lower or Disable Processor
Core Supply Voltage in Deep Sleep Mode
• 70-μA Quiescent Current
• 1% Reference Voltage
• Thermal Shutdown Protection

2 Applications
• All Single Li-Ion Cell-Operated Products Requiring
Multiple Supplies Including:
– PDA
– Cellular and Smart Phone
– Internet Audio Player
– Digital Still Camera
• Digital Radio Player
• Split Supply DSP and μP Solutions

3 Description
The TPS65012 device is an integrated power and
battery management IC for applications powered by
one Li-Ion or Li-Polymer cell and which require
multiple power rails. The TPS65012 device provides
two highly efficient, 1.25–MHz step down converters
targeted at providing the core voltage and peripheral,
I/O rails in a processor-based system. Both stepdown
converters enter a low-power mode at light load
for maximum efficiency across the widest possible
range of load currents. The TPS65012 device also
integrates two 200-mA LDO voltage regulators, which
are enabled via the serial interface. Each LDO
operates with an input voltage range between 1.8 V
and 6.5 V, allowing them to be supplied from one of
the step-down converters or directly from the battery.
The TPS65012 device has a highly integrated and
flexible Li-Ion linear charger and system power
management. It offers integrated USB-port and ACLi-
adapter supply management with autonomous power-
source selection, power FET and current sensor, high
accuracy current and voltage regulation, charge
status, and charge termination.




Similar Part No. - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012RGZR TI1-TPS65012RGZR Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZRG4 TI1-TPS65012RGZRG4 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65012RGZT TI1-TPS65012RGZT Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
More results


Similar Description - TPS65012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI1-TPS65011_15 Datasheet
1Mb / 63P
Power and Battery Management IC For Li-Ion Powered Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com