Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65133 Datasheet (PDF) - Texas Instruments

TPS65133 Datasheet PDF - Texas Instruments
Part # TPS65133
Download  TPS65133 Download
File Size   974.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65133 ±5-V, 250-mA Dual-Output Power Supply

TPS65133 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65133 Datasheet PDF - Texas Instruments

Part # TPS65133
Download  TPS65133 Click to download

File Size   974.98 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65133 ±5-V, 250-mA Dual-Output Power Supply

TPS65133 Datasheet (HTML) - Texas Instruments


TPS65133 Product details

1 Features
1• 2.9-V to 5.0-V Input Voltage Range
• Fixed 5.0-V Positive Output Voltage (V POS)
• Fixed –5.0-V Negative Output Voltage (VNEG)
• ±1% Output Voltage Accuracy
• High Efficiency
• 250-mA Output Current Capability
• Independent Converter Operation Allows 100%
Output Current Mismatch
• Excellent Line and Load Transient Response
• Operates in CCM to Minimize Output Noise
• Boost Converter able to Operate with Input Supply
Voltages close to 5.0 V
• Short-Circuit Protection
• Thermal Shutdown

2 Applications
• LCD Bias
• AMOLED Supplies
• Operational Amplifier Supplies
• Headphone Amplifier Supplies
• Sensor Front-End Supplies
• Data Acquisition Supplies
• General ±5-V Power Supplies

3 Description
The TPS65133 is designed to supply any system
requiring ±5.0-V supply rails. Each output can supply
up to 250 mA of output current. The input supply
voltage range is suitable for use with lithium ion
batteries or from a fixed 3.3-V supply.
Efficiency is typically over 90% for most applications
(operating from a lithium ion battery, output currents
in the range 50 mA to 200 mA). The two converters in
the TPS65133 device operate independently, allowing 100% mismatch between positive and
negative output currents.




Similar Part No. - TPS65133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
TPS65133 TI2-TPS65133 Datasheet
968Kb / 27P
TPS65133 ±5-V, 250-mA Dual-Output Power Supply
REVISED APRIL 2015
TPS65133DPDR TI-TPS65133DPDR Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
TPS65133DPDR TI2-TPS65133DPDR Datasheet
968Kb / 27P
TPS65133 ±5-V, 250-mA Dual-Output Power Supply
REVISED APRIL 2015
TPS65133DPDR.A TI2-TPS65133DPDR.A Datasheet
968Kb / 27P
TPS65133 ±5-V, 250-mA Dual-Output Power Supply
REVISED APRIL 2015
More results


Similar Description - TPS65133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
Low Cost, 250 mA Output Single-Supply Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Analog Devices
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
TPS65133 짹5-V, 250-mA Dual-Output Power Supply
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
250 mA Output Voltage Tracker
logo
Texas Instruments
OPA593 TI-OPA593_V01 Datasheet
2Mb / 38P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com