Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65253RHDR Datasheet (PDF) - Texas Instruments

TPS65253RHDR Datasheet PDF - Texas Instruments
Part # TPS65253RHDR
Download  TPS65253RHDR Download
File Size   1597.6 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS

TPS65253RHDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65253RHDR Datasheet PDF - Texas Instruments

Part # TPS65253RHDR
Download  TPS65253RHDR Click to download

File Size   1597.6 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS

TPS65253RHDR Datasheet (HTML) - Texas Instruments


TPS65253RHDR Product details

1FEATURES
• Wide Input Supply Voltage Range:
4.5 V - 16 V
• Output Range: 0.8 V to ~VIN-1 V
• Fully Integrated Dual Buck, 3.5-A/2.5-A
Continuous Current (4-A/3-A Maximum
Current)
• High Efficiency
• 300-kHz - 1.2-MHz Switching Frequency Set by
External Resistor
• External Eenable/Sequencing Pins
• Adjustable Cycle-by-Cycle Current Limit Set
by External Resistor
• Soft-Start Pins
• Current-Mode Control With Simple
Compensation Circuit
• Power Good and Reset Generator
• Low Power Mode Set By External Signal
• Supervisory Circuit
• QFN Package, 28-Pin 5 mm x 5 mm RHD

APPLICATIONS
• DTV
• DSL Modems
• Cable Modems
• Set Top Boxes
• Car DVD Players
• Home Gateway and Access Point Networks
• Wireless Routers

DESCRIPTION/ORDERING INFORMATION
The TPS65253 features two synchronous wide input range high efficiency buck converters. The converters are
designed to simplify product application while giving designers the options to optimize their usage according to
the target application.
The converters can operate in 5-, 9- and 12-V systems and have integrated power transistors. The output voltage
can be set externally using a resistor divider to any value between 0.8 V and the input supply minus 1 V. Each
converter features an enable pin that allows a delayed start-up for sequencing purposes, soft-start pin that allows
adjustable soft-start time by choosing the soft-start capacitor, and a current limit (RLIMx) pin that enables
designer to adjust current limit by selecting an external resistor and optimize the choice of inductor. The CMP pin
allows optimizing transient versus dc accuracy response with a simple RC compensation.
The switching frequency of the converters is set by an external resistor connected to ROSC pin. The switching
regulators are designed to operate from 300 kHz to 1.2 MHz. The converters operate with 180° phase between
then to minimize the input filter requirements.
TPS65253 also features a low power mode enabled by an external signal, which allows for a reduction on the
input power supplied to the system when the host processor is in stand-by (low activity) mode.
TPS65253 features a supervisor circuit that monitors both converters and provides a PGOOD signal (End of
Reset) with a 32-ms timer.
TPS65253 is packaged in a small, thermally efficient 28-pin QFN package.




Similar Part No. - TPS65253RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65253RHDR TI1-TPS65253RHDR Datasheet
1Mb / 24P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Similar Description - TPS65253RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com