Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65288 Datasheet (PDF) - Texas Instruments

TPS65288 Datasheet PDF - Texas Instruments
Part # TPS65288
Download  TPS65288 Download
File Size   2365.27 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET and 2 Power Switches

TPS65288 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65288 Datasheet PDF - Texas Instruments

Part # TPS65288
Download  TPS65288 Click to download

File Size   2365.27 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET and 2 Power Switches

TPS65288 Datasheet (HTML) - Texas Instruments


TPS65288 Product details

1FEATURES
• Wide Input Supply Voltage Range:
4.5 V - 18 V
• 0.8-V, 1% Accuracy Reference
• Continuous Loading:
3 A (Buck1), 2 A (Buck2 and 3)
• Maximum Current:
3.5 A (Buck 1), 2.5 A (Buck2 and 3)
• 300-kHz – 2.2-MHz Switching Frequency Set
By External Resistor
• External Enable Pins With Built-In Current
Source for Easy Sequencing
• External Soft Start Pins
• Adjustable Cycle-by-Cycle Current Limit Set
by External Resistor
• Current-Mode Control With Simple
Compensation Circuit
• Pulse Skipping Mode to Achieve High Light
Load Efficiency, Allowing for an Output Ripple
Better than 2%
• Forced PWM Mode
• Support Pre-Biased Outputs
• Power Good Supervisor and Reset Generator
• 2 USB Power Switches current limiting at
typical 1.2A (0.8/1.0/1.4/1.6/1.8/2.0/2.2A
Available with Manufacture Trim Options)
• Small, Thermally Efficient 40-Pin 6-mm x 6-mm
RHA (QFN) package
• -40°C to 125°C Junction Temperature Range

DESCRIPTION/ORDERING INFORMATION
TPS65288 is a power management IC with three step-down buck converters. Both high-side and low-side
MOSFETs are integrated to provide fully synchronous conversion with higher efficiency. The converters are
designed to simplify its application while giving the designer the option to optimize their usage according to the
target application.
The converters can operate in 5-, 9-, 12- or 15-V systems. The output voltage can be set externally using a
resistor divider to any value between 0.8 V and the input supply minus the resistive drops on the converter path.
Each converter features enable pin that allows a delayed start-up for sequencing purposes, soft start pin that
allows adjustable soft-start time by choosing the soft-start capacitor, and a current limit (RLIM) pin that enables
designer to adjust current limit by selecting an external resistor and optimize the choice of inductor. All converters
operate in ‘hiccup mode’: Once an over-current lasting more than 10 ms is sensed in any of the converters, they
will shut down for 10 ms and then the start-up sequencing will be tried again. If the overload has been removed,
the converter will ramp up and operate normally. If this is not the case the converter will see another over-current
event and shuts down again repeating the cycle (hiccup) until the failure is cleared. If an overload condition lasts
for less than 10 ms, only the relevant converter affected will shut-down and re-start and no global hiccup mode
will occur.
The switching frequency of the converters is set by an external resistor connected to ROSC pin. The switching
regulators are designed to operate from 300 kHz to 2.2 MHz. The converters operate with 180° phase between
then to minimize the input filter requirements. All converters have peak current mode control which simplifies
external frequency compensation.
The device has a built-in slope compensation ramp. The slope compensation can prevent sub harmonic
oscillations in peak current mode control. A traditional type II compensation network can stabilize the system and
achieve fast transient response. Moreover, an optional capacitor in parallel with the upper resistor of the
feedback divider provides one more zero and makes the crossover frequency over 100 kHz.
All converters feature an automatic low power pulse skipping mode (PSM) which improves efficiency during light
loads and standby operation, while guaranteeing a very low output ripple, allowing for a value of less than 2% at
low output voltages.




Similar Part No. - TPS65288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65288 TI-TPS65288 Datasheet
1Mb / 75P
TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65288 TI1-TPS65288 Datasheet
1Mb / 44P
4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65288 TI2-TPS65288 Datasheet
2Mb / 79P
TPS65400 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
REVISED MARCH 2022
TPS65288RHA TI1-TPS65288RHA Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
More results


Similar Description - TPS65288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65257 TI1-TPS65257 Datasheet
1Mb / 34P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com