Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS65295 Datasheet (PDF) - Texas Instruments

TPS65295 Datasheet PDF - Texas Instruments
Part # TPS65295
Download  TPS65295 Download
File Size   1508.78 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65295 complete DDR4 memory power solution

TPS65295 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65295 Datasheet PDF - Texas Instruments

Part # TPS65295
Download  TPS65295 Click to download

File Size   1508.78 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65295 complete DDR4 memory power solution

TPS65295 Datasheet (HTML) - Texas Instruments


TPS65295 Product details

1 Features
1• Synchronous buck converter (VDDQ)
– Input voltage range: 4.5 V to 18 V
– Output voltage fixed at 1.2 V
– D-CAP3™ mode control for fast transient
response
– Continual output current: 8 A
– Advanced Eco-mode™ pulse skip
– Integrated 22-mΩ and 8.6-mΩ RDS(on) internal
power switch
– 600-kHz switching frequency
– Internal soft start: 1.6 ms
– Cycle-by-cycle overcurrent protection
– Latched output OV and UV protections
• Synchronous buck converter (VPP)
– Input voltage range: 3 V to 5.5 V
– Output voltage fixed at 2.5 V
– D-CAP3™ mode control for fast transient
response
– Continual output current: 1 A
– Advanced Eco-mode™ pulse skip
– Integrated 150-mΩ and 120-mΩ RDS(on)
internal power switch
– 580-kHz switching frequency
– Internal soft start: 1 ms
– Cycle-by-cycle overcurrent protection
– Latched output OV and UV protections
• 1-A LDO (VTT)
– 1-A continual sink and source current
– Requires only 10 μF of ceramic output
capacitor
– Support high-z in S3
– ±30-mV VTT output accuracy (DC+AC)
• Buffered reference (VTTREF)
– Buffered, low noise, ±10-mA capability
– 0.8% output accuracy
• Low quiescent current: 150 μA
• Power good indicator
• Output discharge function
• Power up and power down sequencing control
• Non-latch for OT and UVLO protections
• 18-pin 3.0-mm × 3.0-mm HotRod™ VQFN
package

2 Applications
• DDR4 memory power supplies
• Notebook, PC computers, and servers
• Ultrabook, tablet computers
• Single-board computer, computer on module

3 Description
The TPS65295 device provides a complete power
solution for DDR4 memory system with the lowest
total cost and minimum space. It meets the JEDEC
standard for DDR4 power-up and power-down
sequence requirement. The TPS65295 integrates two
synchronous buck converters (VPP and VDDQ) and a
1-A sink and source tracking LDO (VTT) and a
buffered low noise reference (VTTREF). The
TPS65295 employs D-CAP3™ mode coupled with
600-kHz switching frequency for ease-of-use, fast
transient, and support for ceramic output capacitors
without an external compensation circuit.
The VTTREF tracks ½ VDDQ within excellent 0.8%
accuracy. The VTT, which provides both 1-A sink and
source continual current capabilities, requires only
10-μF of ceramic output capacitor.
The TPS65295 provides rich functions as well as
excellent power supply performance. It supports
flexible power state control, placing VTT at high-Z in
S3 and discharging VDDQ, VTT, and VTTREF in
S4/S5 state. OVP, UVP, OCP, UVLO and thermal
shutdown protections are also available. The part is
available in a thermally enhanced 18-pin HotRod™
VQFN package and is designed to operate under the
–40°C to 125°C junction temperature range.




Similar Part No. - TPS65295

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
TPS65295RJER TI1-TPS65295RJER Datasheet
1Mb / 39P
complete DDR4 memory power solution
TPS65295RJET TI1-TPS65295RJET Datasheet
1Mb / 39P
complete DDR4 memory power solution
More results


Similar Description - TPS65295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A_08 Datasheet
691Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000 MAXIM-MAX17000_11 Datasheet
757Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A_10 Datasheet
804Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000A MAXIM-MAX17000A_13 Datasheet
755Kb / 32P
Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 3; 4/13
logo
uPI Group Inc.
UP1565 UPI-UP1565 Datasheet
241Kb / 15P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1566 UPI-UP1566 Datasheet
208Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Controller
UP1740S UPI-UP1740S Datasheet
245Kb / 14P
Complete DDR3/ DDR4 Memory Power Solution Converter
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
complete DDR4 memory power solution
TPS65296 TI1-TPS65296 Datasheet
839Kb / 32P
TPS65296-Complete LPDDR4/LPDDR4X Memory Power Solution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com