Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS84259 Datasheet (PDF) - Texas Instruments

TPS84259 Datasheet PDF - Texas Instruments
Part # TPS84259
Download  TPS84259 Download
File Size   1015.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84259 4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution

TPS84259 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS84259 Datasheet PDF - Texas Instruments

Part # TPS84259
Download  TPS84259 Click to download

File Size   1015.74 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84259 4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution

TPS84259 Datasheet (HTML) - Texas Instruments


TPS84259 Product details

1 FEATURES
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• Wide Input-Voltage Range from 4.5 V to 40 V
• Output Adjustable from –3 V to –17 V
• Supplies up to 2-A of Output Current
• 45-V Surge Capability
• Synchronizes to an External Clock
• Adjustable Slow Start
• Programmable Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
• Overtemperature Protection
• Operating Temperature Range: –40°C to +85°C
• Enhanced Thermal Performance: 14°C/W
• Meets EN55022 Class B Emissions
• For Design Help visit http://www.ti.com/TPS84259

2 APPLICATIONS
• Industrial and Motor Controls
• Automated Test Equipment
• Bipolar Amplifiers in Audio/Video
• High Density Power Systems

3 DESCRIPTION
The TPS84259 is an easy-to-use negative output
voltage power module that combines a 15-W DC/DC
converter with an inductor, and passives into a lowprofile
QFN package. This total power solution allows
as few as five external components and eliminates
the loop compensation and magnetics part selection
process.
The 9 × 11 × 2.8 mm QFN package is easy to solder
onto a printed circuit board. Its compact design also
contains fewer components and possesses excellent
power dissipation capability. The TPS84259 offers
the flexibility and the feature-set of a discrete design
and is ideal for powering a wide range of ICs and
analog circuits requiring a negative output voltage.
Advanced packaging technology affords a robust and
reliable power solution, compatible with standard
QFN mounting and testing techniques.




Similar Part No. - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259 TI1-TPS84259 Datasheet
825Kb / 32P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGR TI-TPS84259RKGR Datasheet
833Kb / 28P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGR TI1-TPS84259RKGR Datasheet
825Kb / 32P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPS84259RKGT TI-TPS84259RKGT Datasheet
833Kb / 28P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
More results


Similar Description - TPS84259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84259 TI-TPS84259 Datasheet
833Kb / 28P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
logo
Ericsson
BMR4613001 ERICSSON-BMR4613001 Datasheet
1Mb / 35P
Input 4.5-14 V, Output up to 12 A / 60 W
logo
Texas Instruments
TPS84259 TI1-TPS84259_14 Datasheet
825Kb / 32P
4.5-V to 40-V Input, 15-W, Negative Output, Integrated Power Solution
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com