Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS84621 Datasheet (PDF) - Texas Instruments

TPS84621 Datasheet PDF - Texas Instruments
Part # TPS84621
Download  TPS84621 Download
File Size   1137.77 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84621 2.95-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution

TPS84621 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS84621 Datasheet PDF - Texas Instruments

Part # TPS84621
Download  TPS84621 Click to download

File Size   1137.77 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS84621 2.95-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution

TPS84621 Datasheet (HTML) - Texas Instruments


TPS84621 Product details

1 FEATURES
1• Complete Integrated Power Solution Allows
Small Footprint, Low-Profile Design
• Efficiencies Up To 96%
• Wide-Output Voltage Adjust
0.6 V to 5.5 V, with 1% Reference Accuracy
• Supports Parallel Operation for Higher Current
• Optional Split Power Rail allows
input voltage down to 1.6 V
• Adjustable Switching Frequency
(250 kHz to 780 kHz)
• Synchronizes to an External Clock
• Adjustable Slow Start
• Output Voltage Sequencing and Tracking
• Power Good Output
• Programmable Undervoltage Lockout (UVLO)
• Output Overcurrent Protection (Hiccup Mode)
• Overtemperature Protection
• Prebias Output Start-up
• Operating Temperature Range: –40°C to +85°C
• Enhanced Thermal Performance: 13°C/W
• Meets EN55022 Class B Emissions
• Design Help visit http://www.ti.com/TPS84621

2 APPLICATIONS
• Broadband and Communications Infrastructure
• Automated Test and Medical Equipment
• Compact PCI, PCI Express and PXI Express
• DSP and FPGA Point of Load Applications
• High Density Distributed Power Systems

3 DESCRIPTION
The TPS84621 is an easy-to-use integrated power
solution that combines a 6-A DC-to-DC converter with
power MOSFETs, an inductor, and passives into a
low profile, BQFN package. This total power solution
allows as few as three external components and
eliminates the loop compensation and magnetics part
selection process.
The 9×15×2.8 mm BQFN package is easy to solder
onto a printed circuit board and allows a compact
point-of-load design with greater than 90% efficiency
and excellent power dissipation with a thermal
impedance of 13°C/W junction to ambient. The
device delivers the full 6-A rated output current at
85°C ambient temperature without airflow.
The TPS84621 offers the flexibility and the featureset
of a discrete point-of-load design and is ideal for
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
power solution compatible with standard QFN
mounting and testing techniques.




Similar Part No. - TPS84621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621RUQR TI1-TPS84621RUQR Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84621RUQT TI1-TPS84621RUQT Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
More results


Similar Description - TPS84621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84A20 TI-TPS84A20 Datasheet
878Kb / 30P
2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com