Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92391 Datasheet (PDF) - Texas Instruments

TPS92391 Datasheet PDF - Texas Instruments
Part # TPS92391
Download  TPS92391 Download
File Size   2999.91 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels

TPS92391 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92391 Datasheet PDF - Texas Instruments

Part # TPS92391
Download  TPS92391 Click to download

File Size   2999.91 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels

TPS92391 Datasheet (HTML) - Texas Instruments


TPS92391 Product details

1 Features
• Input voltage operating range 3 V to 48 V
• Six high-precision current sinks
– Up to 200-mA DC current for each current sink
– Current matching 1% (typical)
– Dimming ratio 32 000:1 using 152-Hz LED
output PWM frequency
– Up to 16-bit LED dimming resolution with I2C,
or PWM input
– 8 Configurable LED strings configuration
• Auto-phase shift PWM dimming
• 12-bit Analog dimming
• Switching frequency 100 kHz to 2.2 MHz
• Boost spread spectrum for reduced EMI
• Boost sync input to set boost switching frequency
from an external clock
• Up to 48-V VOUT boost or SEPIC DC/DC controller
– Switching frequency 100 kHz to 2.2 MHz
– Boost spread spectrum for reduced EMI
– Boost sync input to set boost switching
frequency from an external clock
• Extensive fault diagnostics

2 Applications
Backlight for:
• Monitor
• TV
• Medical displays
• Industrial backlighting systems in control panels
• Industrial PC
• Test and measurement equipment

3 Description
The TPS92391 is an automotive high-efficiency
LED driver with boost controller. The Six highprecision
current sinks support phase shifting that
is automatically adjusted based on the number of
channels in use. LED brightness can be controlled
globally through the I²C interface or PWM input.
The boost controller has adaptive output voltage
control based on the headroom voltages of the
LED current sinks. This feature minimizes the power
consumption by adjusting the boost voltage to the
lowest sufficient level in all conditions. A wide-range
adjustable frequency allows the TPS92391 to avoid
disturbance for AM radio band.
The TPS92391 supports built-in hybrid PWM dimming
and analog current dimming, which reduces EMI,
extends the LED lifetime, and increases the total
optical efficiency.




Similar Part No. - TPS92391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92391 TI-TPS92391 Datasheet
3Mb / 79P
TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels
TPS92391RHBR TI-TPS92391RHBR Datasheet
3Mb / 79P
TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels
More results


Similar Description - TPS92391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
Automotive Display LED-Backlight Driver With Six 150-mA Channels
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
Texas Instruments
LP8866-Q1 TI1-LP8866-Q1 Datasheet
1Mb / 64P
LP8866-Q1 Automotive Display LED-backlight with Six 200-mA Channels
logo
List of Unclassifed Man...
OB3362F ETC1-OB3362F Datasheet
371Kb / 13P
4 Channels High Performance LED Driver
logo
Texas Instruments
LP8866-Q1 TI-LP8866-Q1_V01 Datasheet
3Mb / 83P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866-Q1 TI-LP8866-Q1_V02 Datasheet
3Mb / 86P
LP8866-Q1 Automotive Display LED-backlight Driver with Six 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
TPS92390 TI-TPS92390 Datasheet
3Mb / 78P
TPS92390 Boost/SEPIC High Dimming Performance LED Driver with Four 200-mA Channels
TPS92391 TI-TPS92391 Datasheet
3Mb / 79P
TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com