Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92510 Datasheet (PDF) - Texas Instruments

TPS92510 Datasheet PDF - Texas Instruments
Part # TPS92510
Download  TPS92510 Download
File Size   2410.52 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback

TPS92510 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92510 Datasheet PDF - Texas Instruments

Part # TPS92510
Download  TPS92510 Click to download

File Size   2410.52 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback

TPS92510 Datasheet (HTML) - Texas Instruments


TPS92510 Product details

1FEATURES
2• 3.5-V to 60-V Input Voltage Range
• Integrated 200-mΩ High-Side MOSFET
• 200 mV Internal Voltage Reference high•
±3% LED Current Accuracy tight•
100 kHz to 2.5 MHz Switching Frequency
Range
• Dedicated PWM Dimming Input
• LED Thermal Foldback
• Adjustable UVLO
• Overcurrent Protection
• Over-Temperature Protection
• MSOP-10 (DGQ) PowerPAD™ Package

APPLICATIONS
• Street Lighting
• Emergency Lighting
• General Illumination
• Industrial and Commercial Lighting
• MR16 LED Bulbs

DESCRIPTION
The TPS92510 is a 60-V, 1.5-A peak current-mode step-down converter with an integrated high-side
MOSFET. It is specifically designed for driving high•
brightness LEDs with a constant current. The tight•
tolerance, 200-mV internal reference voltage reduces
power dissipation in the current-sense resistor. A dedicated pulse width modulation input pin allows
linear control of the light output.
The TPS92510 integrates a thermal foldback feature
that reduces the average output current to ensure
that the sensed LED temperature never exceeds a
specific value, improving the reliability of the overall system. An integrated frequency synchronization
feature allows a reduction of unwanted beatfrequencies
in multi-string applications and simplifies
EMI filtering. The adjustable input voltage UVLO
feature accommodates the various deep discharge
levels of multiple battery types.
The TPS92510 includes cycle-by-cycle overcurrent protection, and thermal shutdown protection. It is
available in a 10-pin MSOP PowerPAD™ package.




Similar Part No. - TPS92510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQ TI1-TPS92510DGQ Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510DGQR TI1-TPS92510DGQR Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
More results


Similar Description - TPS92510

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
LM3424 TI1-LM3424_14 Datasheet
1Mb / 62P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
STMicroelectronics
UM0422 STMICROELECTRONICS-UM0422 Datasheet
252Kb / 14P
Constant current controller for high brightness LEDs
25-Feb-2008
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Grenergy Opto, lnc.
GR6004 GRENERGY-GR6004 Datasheet
756Kb / 13P
Constant Current Switching Converter for High Brightness LED Driving
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com