Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM5601R5 Datasheet (PDF) - Texas Instruments

TPSM5601R5 Datasheet PDF - Texas Instruments
Part # TPSM5601R5
Download  TPSM5601R5 Download
File Size   1906.77 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod™ QFN Package

TPSM5601R5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM5601R5 Datasheet PDF - Texas Instruments

Part # TPSM5601R5
Download  TPSM5601R5 Click to download

File Size   1906.77 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod™ QFN Package

TPSM5601R5 Datasheet (HTML) - Texas Instruments


TPSM5601R5 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• 5.0-mm × 5.5-mm × 4.0-mm Enhanced HotRod™
QFN
– Excellent thermal performance: up to 18-W
output power at 85°C, no airflow
– Standard footprint: single large thermal pad and
all pins accessible from perimeter
• Designed for reliable and rugged applications
– Wide input voltage range: 4.2 V to 60 V
– Input voltage transient protection up to 66 V
– Operating junction range: –40°C to +125°C
– EXT-suffix junction range: –55°C to +125°C
• Fixed 400-kHz switching frequency
• FPWM mode of operation
• Optimized for ultra-low EMI requirements
– Integrated shielded inductor and high-frequency
bypass capacitors
– Meets EN55011 EMI standards
– Spread spectrum option reduces emissions
• 26-μA nonswitching quiescent current
• Monotonic start-up into prebiased output
• No loop-compensation or bootstrap components
• Precision enable and input UVLO with hysteresis
• Thermal shutdown protection with hysteresis
• Create a custom design using the TPSM5601R5
with the WEBENCH® Power Designer

2 Applications
• Field transmitters and sensors, PLC modules
• Thermostats, video surveillance, HVAC systems
• AC and servo drives, rotary encoders
• Industrial transport, asset tracking
• Negative output applications

3 Description
The TPSM5601R5 power module is a highly
integrated 1.5-A power solution that combines a 60-
V input, step-down DC/DC converter with power
MOSFETs, a shielded inductor, and passives in
a thermally enhanced QFN package. The 5-mm
× 5.5-mm × 4-mm, 15-pin QFN package uses
Enhanced HotRod QFN technology for enhanced
thermal performance, small footprint, and low EMI.
The package footprint has all pins accessible from the
perimeter and a single large thermal pad for simple
layout and easy handling in manufacturing.
The TPSM5601R5 is a compact, easy-to-use power
module with a wide adjustable output voltage range
of 1.0 V to 6 V. The total solution requires as
few as four external components and eliminates the
loop compensation and magnetics part selection from
the design process. The full feature set includes
power good, programmable UVLO, prebias start-up,
overcurrent, and temperature protections, making
the TPSM5601R5 an excellent device for powering
a wide range of applications. Space-constrained
applications benefit from the 5.0-mm × 5.5-mm
package. Additionally, the TPSM5601R5S offers
frequency spread-spectrum operation.




Similar Part No. - TPSM5601R5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM5601R5 TI-TPSM5601R5 Datasheet
2Mb / 33P
TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM5601R5H TI2-TPSM5601R5H Datasheet
1Mb / 34P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod™ QFN Package
REVISED OCTOBER 2021
TPSM5601R5HE TI-TPSM5601R5HE Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM5601R5HE TI2-TPSM5601R5HE Datasheet
1Mb / 34P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod™ QFN Package
REVISED OCTOBER 2021
More results


Similar Description - TPSM5601R5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPSM5601R5 TI-TPSM5601R5 Datasheet
2Mb / 33P
TPSM5601R5, 60-V Input, 1-V to 6-V Output, 1.5-A Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM560R6 TI-TPSM560R6 Datasheet
2Mb / 31P
TPSM560R6, 60-V Input, 1-V to 6-V Output, 600-mA Power Module in Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM560R6H TI-TPSM560R6H Datasheet
2Mb / 31P
TPSM560R6H, 60-V Input, 1-V to 16-V Output, 600-mA Power Module in an Enhanced HotRod??QFN Package
SEPTEMBER 2021
TPSM63606 TI-TPSM63606 Datasheet
2Mb / 38P
TPSM63606 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 6-A Power Module With Enhanced HotRod??QFN Package
OCTOBER 2021
TLVM13630 TI-TLVM13630_V01 Datasheet
3Mb / 44P
TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
JANUARY 2022
TPSM63603 TI-TPSM63603_V01 Datasheet
3Mb / 47P
TPSM63603 High-Density, 3-V to 36-V Input, 1-V to 16-V Output, 3-A Power Module With Enhanced HotRod??QFN Package
NOVEMBER 2021
TPSM33625 TI-TPSM33625 Datasheet
1Mb / 42P
TPSM33625, 3-V to 36-V Input, 1-V to 15-V Output, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
DECEMBER 2022
TLVM23625 TI1-TLVM23625 Datasheet
2Mb / 49P
TLVM236x5, 3-V to 36-V Input, 1-V to 6-V Output, 1.5-A, 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
FEBRUARY 2023
TPSM33615 TI-TPSM33615 Datasheet
2Mb / 50P
TPSM336x5, 3-V to 36-V Input, 1-V to 15-V Output, 1.5-A, and 2.5-A Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com