Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM5D1806 Datasheet (PDF) - Texas Instruments

TPSM5D1806 Datasheet PDF - Texas Instruments
Part # TPSM5D1806
Download  TPSM5D1806 Download
File Size   1651.59 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM5D1806 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module

TPSM5D1806 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM5D1806 Datasheet PDF - Texas Instruments

Part # TPSM5D1806
Download  TPSM5D1806 Click to download

File Size   1651.59 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM5D1806 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module

TPSM5D1806 Datasheet (HTML) - Texas Instruments


TPSM5D1806 Product details

1 Features
• Independent dual 6-A outputs
• Parallel single 12-A output
• Output voltage range: 0.5 V to 5.5 V
• 0.5-V, ±1% voltage reference accuracy
over temperature range
• Frequency synchronization with phase delay
• Independent enable and power good
for each output
• Start-up into pre-biased output
• UV and OV power good
• Selectable switching frequency options:
500 kHz, 1.0 MHz, 1.5 MHz, and 2.0 MHz
• Meets EN55011 radiated EMI limits
• Operating junction range: –40°C to +125°C
• Operating ambient range: –40°C to +105°C
• 8-mm × 5.5-mm × 1.8-mm standard QFN package
• Create a custom design using the TPSM5D1806
with the WEBENCH® Power Designer

2 Applications
• Semiconductor test and instrumentation
• Medical imaging
• Enterprise switching and storage applications
• Wired network (optical transport)
• Datacom module (optical module)

3 Description
The TPSM5D1806 dual 6-A output power module is
a highly integrated and flexible DC-DC power supply
packaged in a compact 8-mm × 5.5-mm × 1.8-mm,
QFN package. The input voltage range of 4.5 V to
15 V allows conversion from a wide intermediate
bus as well as standard 5-V and 12-V rails. The
two 6-A outputs can be configured independently for
two separate power rails or combined for a single
2-phase, 12-A output.
The low-profile, 51-pin QFN package with optimal
package layout enhances thermal performance. The
package footprint has all signal pins accessible
from the perimeter and large thermal pads beneath
the device for simple layout and easy handling in
manufacturing.
The integrated power design eliminates the loop
compensation and magnetics part selection from
the design process. The device offers independent
enable control and power good signal for each output.
Switching frequency and phase offsetting can be
configured using pin-strapping. The device also offers
overcurrent and thermal shutdown protection.




Similar Part No. - TPSM5D1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM5D1806 TI-TPSM5D1806 Datasheet
1Mb / 29P
TPSM5D1806 4.5-V to 16-V Input, Dual 6-A / Single 12-A Output Power Module
TPSM5D1806E TI-TPSM5D1806E Datasheet
2Mb / 38P
TPSM5D1806E 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module with ??5째C to 125째C Range
JANUARY 2022
TPSM5D1806E TI2-TPSM5D1806E Datasheet
1Mb / 39P
TPSM5D1806E 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module with –55°C to 125°C Range
JANUARY 2022
TPSM5D1806MRDBR-ET TI-TPSM5D1806MRDBR-ET Datasheet
2Mb / 38P
TPSM5D1806E 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module with ??5째C to 125째C Range
JANUARY 2022
TPSM5D1806MRDBR-ET TI2-TPSM5D1806MRDBR-ET Datasheet
1Mb / 39P
TPSM5D1806E 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module with –55°C to 125°C Range
JANUARY 2022
More results


Similar Description - TPSM5D1806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23 Datasheet
771Kb / 78P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM5D1806 TI-TPSM5D1806 Datasheet
1Mb / 29P
TPSM5D1806 4.5-V to 16-V Input, Dual 6-A / Single 12-A Output Power Module
TPSM5D1806E TI-TPSM5D1806E Datasheet
2Mb / 38P
TPSM5D1806E 4.5-V to 15-V Input, Dual 6-A / Single 12-A Output Power Module with ??5째C to 125째C Range
JANUARY 2022
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com