Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2721-QJ Datasheet (PDF) - Mimix Broadband

CHV2721-QJ Datasheet PDF - Mimix Broadband
Part # CHV2721-QJ
Download  CHV2721-QJ Download
File Size   404.62 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier

CHV2721-QJ Datasheet (PDF)

Go To PDF Page Download Datasheet
CHV2721-QJ Datasheet PDF - Mimix Broadband

Part # CHV2721-QJ
Download  CHV2721-QJ Click to download

File Size   404.62 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier

CHV2721-QJ Datasheet (HTML) - Mimix Broadband




Similar Part No. - CHV2721-QJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2720-QJ-0G00 MIMIX-CHV2720-QJ-0G00 Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2720-QJ-0G0T MIMIX-CHV2720-QJ-0G0T Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
More results


Similar Description - CHV2721-QJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
logo
Mimix Broadband
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
3.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
InGaP HBT LOW POWER LINEAR AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com