Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

153-5 Datasheet (PDF) - Howard Butler Ltd

153-5 Datasheet PDF - Howard Butler Ltd
Part # 153-5
Download  153-5 Download
File Size   126.54 Kbytes
Page   2 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description 15 SERIES MOULDED CASE CURRENT TRANSFORMERS

153-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
153-5 Datasheet PDF - Howard Butler Ltd

Part # 153-5
Download  153-5 Click to download

File Size   126.54 Kbytes
Page   2 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description 15 SERIES MOULDED CASE CURRENT TRANSFORMERS

153-5 Datasheet (HTML) - Howard Butler Ltd


153-5 Product details

DESCRIPTION
Two small moulded case current transformers suitable for primary currents from 1A to 500A using cable or bar primaries

APPLICATION
For use where space is limited within the panel, and where a built in choice of fixing methods is required.

FEATURES
• Three built in fixing methods
- Base, Din Rail & Busbar mounting
• Built in hinged terminal cover
• Terminals suitable for screw or push on connectors
• Small size enables mounting where busbars run close together
• Case moulded in high impact polyester
• Secondary terminals with double layout
• Primary ranges from 1A to 500A




Similar Part No. - 153-5

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
153-305-04 MARL-153-305-04 Datasheet
190Kb / 2P
PCB MOUNTING LEDs - 횠 3mm Surface Mount
153-311-04 MARL-153-311-04 Datasheet
190Kb / 2P
PCB MOUNTING LEDs - 횠 3mm Surface Mount
153-314-04 MARL-153-314-04 Datasheet
190Kb / 2P
PCB MOUNTING LEDs - 횠 3mm Surface Mount
153-330-04 MARL-153-330-04 Datasheet
190Kb / 2P
PCB MOUNTING LEDs - 횠 3mm Surface Mount
logo
HellermannTyton.
153-41-G HELLERMANNTYTON-153-41-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results


Similar Description - 153-5

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-AP851 OHMITE-ACL-AP851 Datasheet
707Kb / 2P
Moulded case for proctection and easy to mount
logo
Myrra
74500 MYRRA-74500 Datasheet
84Kb / 1P
CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
CURRENT TRANSFORMERS
74540 MYRRA-74540 Datasheet
87Kb / 1P
CURRENT TRANSFORMERS
74550 MYRRA-74550 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
74560 MYRRA-74560 Datasheet
108Kb / 1P
CURRENT TRANSFORMERS
74570 MYRRA-74570 Datasheet
97Kb / 1P
CURRENT TRANSFORMERS
logo
Schneider Electric
GT1330 SCHNEIDER-GT1330 Datasheet
62Kb / 2P
MOULDED CASE CIRCUIT BREAKER GROUND FAULT SENSOR
Apr 19, 2021
S29433 SCHNEIDER-S29433 Datasheet
161Kb / 2P
H-FRAME 120VAC MOULDED CASE CIRCUIT BREAKER MOTOR OPERATOR
Apr 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com