Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3302 Datasheet (PDF) - Texas Instruments

TRF3302 Datasheet PDF - Texas Instruments
Part # TRF3302
Download  TRF3302 Download
File Size   1115.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3302 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier

TRF3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF3302 Datasheet PDF - Texas Instruments

Part # TRF3302
Download  TRF3302 Click to download

File Size   1115.7 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3302 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier

TRF3302 Datasheet (HTML) - Texas Instruments


TRF3302 Product details

1 Features
• GNSS L1 (GPS), E1, and B1 bands:
– Noise figure (NF): 0.85dB
– Input return loss (S11): –11.7dB
– Output return loss (S22): –15.3dB
– 2-element input match
• Multiband GPS/GNSS L1, L2, and L5 support:
– Noise figure (NF): 1.2dB
– Input return loss (S11): –12dB
– Output return loss (S22): –12.3dB
– 4-element input match
• Power gain (GP): 16.9dB
• Input IP3 (VCC = 2.5V):
– In-band = –5.4dBm
– Out-of-band = –4.8dBm
• Input P1dB: –10.2dBm (VCC = 2.5V)
• Integrated 50Ω output match
• Supply current: 4.6mA (10nA shutdown)
• Flexible supply voltage: 1.8V to 3.3V
• Operating junction temperature: –40°C to +125°C
• Automatic optical inspection (AOI) compatible
package: WSON-FCRLF-6 with wettable flanks
• Available automotive AEC-Q100 variant:
TRF3302-Q1

2 Applications
• GNSS receiver LNA
• Global positioning receivers
• Asset trackers
• Smart trackers
• Telematics control unit (TCU)
• Intelligent antenna module
• Automotive emergency call (eCall)
• Electronic toll collection (ETC)
• Navigation and global positioning systems

3 Description
The TRF3302 is a high-gain, low-noise amplifier
(LNA) designed for GNSS receiver applications. The
device has 16.9dB power gain with an ultra-low noise
figure of 0.85dB for high sensitivity GNSS receivers.
An input-referred P1dB of –10.2dBm and IP3 of
–5.4dBm helps maintain the receiver sensitivity in the
presence of jamming signals from cellular bands.
The broadband design of TRF3302 supports a wide
array of bands in GNSS satellite constellations such
as GPS, Galileo, BeiDou, QZSS, NavIC/IRNSS,
and GLONASS. The device also supports L-band
of Iridium satellite system. A 2-element (capacitor
and inductor) input match provides low noise and
good return loss performance for L1 (GPS), E1
(Galileo), and B1 (BeiDou) bands. The inductor
value is adjustable to achieve nearly 150MHz of
bandwidth with minimal performance degradation for
applications that need coverage for lower GPS bands
L2 through L5, Galileo E6 through E5a, BeiDou B3
through B2a, QZSS L6, NavIC L5, and GLONASS
bands G2 through G3. A 4-element external input
matching network combined with the wideband output
of TRF3302 delivers performance coverage for all
major GNSS bands with a ≅ 1.2dB NF, and S11 and
S22 better than –10dB.
The TRF3302 operates on a 1.8V to 3.3V single
supply and consumes only 4.6mA of current for power
and thermal sensitive designs. The device features
a digital logic compatible enable pin for additional
power savings. The TRF3302 is rated for an operating
junction temperature of –40°C to +125°C.




Similar Part No. - TRF3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3302 TI2-TRF3302 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302-Q1 TI2-TRF3302-Q1 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
TRF3302VBLRQ1 TI2-TRF3302VBLRQ1 Datasheet
1Mb / 28P
TRF3302-Q1 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
More results


Similar Description - TRF3302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
logo
Skyworks Solutions Inc.
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
BDS-GPS-GNSS Low-Noise Amplifier
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
BDS/GPS/GNSS Low-Noise Amplifier
logo
Maxim Integrated Produc...
MAX2679 MAXIM-MAX2679 Datasheet
540Kb / 9P
GPS/GNSS Ultra-Low Current Low-Noise Amplifier
Rev 0; 3/17
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com