Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3722 Datasheet (PDF) - Texas Instruments

TRF3722 Datasheet PDF - Texas Instruments
Part # TRF3722
Download  TRF3722 Download
File Size   2777.46 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3722 Quadrature Modulator with Integrated PLL and VCO

TRF3722 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF3722 Datasheet PDF - Texas Instruments

Part # TRF3722
Download  TRF3722 Click to download

File Size   2777.46 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3722 Quadrature Modulator with Integrated PLL and VCO

TRF3722 Datasheet (HTML) - Texas Instruments


TRF3722 Product details

1 Features
1• IQ Modulator with Integrated PLL and VCO
• Integer-N/Fractional-N PLL
• Modulator Supports 400 MHz to 4200 MHz
• PLL and VCO Supports 280 MHz to 4100 MHz
• OIP3 at 900 MHz = 31 dBm
• OIP3 at 1800 MHz = 30 dBm
• VCO 1800-MHz Open Loop Phase Noise =
–141 dBc/Hz at 1 MHz Offset
• Independent LO Output Supports divide-by 1/2/4/8
• Modulator Low Power and High Gain Modes
• Multiple Power Down Modes

2 Applications
• Wireless Infrastructure
– CDMA: IS95, UMTS, CDMA2000, TD-SCDMA
– LTE, TD-LTE, LTE Advanced
– TDMA: GSM, EDGE, MC-GSM
• Point-to-Point Microwave, Point-to-Multipoint
Microwave
• Software Defined Radios
• RF Repeaters, Distributed Antenna Systems

3 Description
The TRF3722 is a high performance direct
conversion quadrature modulator with exceptional
linearity and low noise performance. The typical
0.25-V baseband common mode voltage supports
seamless interface with current source DACs. The
device integrates the PLL and VCO to provide the
local oscillator (LO) to the modulator. The PLL and
VCO provides excellent phase noise performance to
satisfy the most stringent transmit communication
requirements. The device also provides additional LO
output for driving a second modulator or down
converting mixer. The modulator features a high gain
mode for a typical 3-dB gain increase and a low
power mode when power optimization is desired.




Similar Part No. - TRF3722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
TRF3722IRGZR TI1-TRF3722IRGZR Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
TRF3722IRGZT TI1-TRF3722IRGZT Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
TRF3722 Quadrature Modulator with Integrated PLL and VCO
More results


Similar Description - TRF3722

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0001 MOTOROLA-MRFIC0001 Datasheet
105Kb / 6P
QUADRATURE MODULATOR INTEGRATED CIRCUIT
logo
Texas Instruments
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
Integrated IQ Modulator PLL/VCO
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
TRF3722 Quadrature Modulator with Integrated PLL and VCO
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
Quadrature Modulator with Integrated PLL and VCO
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
Integrated IQ Modulator PLL/VCO
logo
Analog Devices
ADRF6720-27 AD-ADRF6720-27 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
REV. B
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
4/14-Revision 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com