Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3765 Datasheet (PDF) - Texas Instruments

TRF3765 Datasheet PDF - Texas Instruments
Part # TRF3765
Download  TRF3765 Download
File Size   2020.17 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3765 Integer-N/Fractional-N PLL With Integrated VCO

TRF3765 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF3765 Datasheet PDF - Texas Instruments

Part # TRF3765
Download  TRF3765 Click to download

File Size   2020.17 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF3765 Integer-N/Fractional-N PLL With Integrated VCO

TRF3765 Datasheet (HTML) - Texas Instruments


TRF3765 Product details

1 Features
1• Output Frequencies: 300 MHz to 4.8 GHz
• Low-Noise VCO: –133 dBc/Hz
(1-MHz Offset, fOUT = 2.65 GHz)
• 13-/16-Bit Reference/Feedback Divider
• 25-Bit Fractional-N and Integer-N PLL
• Low RMS Jitter: 0.35 ps
• Input Reference Frequency Range:
0.5 MHz to 350 MHz
• Programmable Output Divide-by-1/-2/-4/-8
• Four Differential LO Outputs
• External VCO Input with Programmable VCO offOn/
Off Control

2 Applications
• Wireless Infrastructure
• Wireless Local Loop
• Point-to-Point Wireless Access
• Wireless MAN Wideband Transceivers

3 Description
The TRF3765 is a wideband Integer-N/Fractional-N
frequency synthesizer with an integrated, wideband voltage-controlled oscillator (VCO). Programmable
output dividers enable continuous frequency
coverage from 300 MHz to 4.8 GHz. Four separate
differential, open-collector RF outputs allow multiple
devices to be driven in parallel without the need of external splitters.
The TRF3765 also accepts external VCO input
signals and allows on/off control through a
programmable control output. For maximum flexibility
and wide reference frequency range, wide-range
divide ratio settings are programmable and an offOn/
chip loop filter can be used.
The TRF3765 is available in an RHB-32 VQFN
package.




Similar Part No. - TRF3765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
Integer-N/Fractional-N PLL with Integrated VCO
TRF3765IRHBR TI1-TRF3765IRHBR Datasheet
1Mb / 51P
Integer-N/Fractional-N PLL with Integrated VCO
TRF3765IRHBR TI1-TRF3765IRHBR Datasheet
1Mb / 52P
Integer-N/Fractional-N PLL With Integrated VCO
TRF3765IRHBT TI1-TRF3765IRHBT Datasheet
1Mb / 51P
Integer-N/Fractional-N PLL with Integrated VCO
TRF3765IRHBT TI1-TRF3765IRHBT Datasheet
1Mb / 52P
Integer-N/Fractional-N PLL With Integrated VCO
More results


Similar Description - TRF3765

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
INTEGER-N PLL WITH INTEGRATED VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
Integer-N/Fractional-N PLL with Integrated VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
Integer-N/Fractional-N PLL With Integrated VCO
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com