Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF37C73IDSGR Datasheet (PDF) - Texas Instruments

TRF37C73IDSGR Datasheet PDF - Texas Instruments
Part # TRF37C73IDSGR
Download  TRF37C73IDSGR Download
File Size   1479.9 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37C73 1-6000 MHz RF Gain Block

TRF37C73IDSGR Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF37C73IDSGR Datasheet PDF - Texas Instruments

Part # TRF37C73IDSGR
Download  TRF37C73IDSGR Click to download

File Size   1479.9 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37C73 1-6000 MHz RF Gain Block

TRF37C73IDSGR Datasheet (HTML) - Texas Instruments


TRF37C73IDSGR Product details

1 Features
1• 1 MHz – 6000 MHz
• Gain: 17 dB
• Noise Figure: 3.5 dB
• Output P1dB: 16.5 dBm at 2000 MHz
• Output IP3: 28.5 dBm at 2000 MHz
• Power Down Mode
• Single Supply: 3.3 V
• Stabilized Performance Over Temperature
• Unconditionally Stable
• Robust ESD: >1 kV HBM; >1 kV CDM

2 Applications
• General Purpose RF Gain Block
• Consumer
• Industrial
• Utility Meters
• Low-cost Radios
• Cellular Base Station
• Wireless Infrastructure
• RF Backhaul
• Radar
• Electronic Warfare
• Software-defined Radio
• Test and Measurement
• Point-to-Point/Multipoint Microwave
• Software Defined Radios
• RF Repeaters
• Distributed Antenna Systems
• LO and PA Driver Amplifier
• Wireless Data, Satellite, DBS, CATV
• IF Amplifier

3 Description
The TRF37C73 is packaged in a 2.00mm x 2.00mm
WSON with a power down pin feature making it ideal for applications where space and low power modes
are critical.
The TRF37C73 is designed for ease of use. For
maximum flexibility, this family of parts uses a
common 3.3 V supply and consumes 55 mA. In
addition, this family was designed with an active bias circuit that provides a stable and predictable bias
current over process, temperature and voltage
variations. For gain and linearity budgets the device
was designed to provide a flat gain response and
excellent OIP3 out to 6000 MHz. For space
constrained applications, this family is internally matched to 50 Ω, which simplifies ease of use and
minimizes needed PCB area.




Similar Part No. - TRF37C73IDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C73IDSGR TI1-TRF37C73IDSGR Datasheet
985Kb / 20P
1-6000 MHz RF Gain Block
More results


Similar Description - TRF37C73IDSGR

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AVT-52663 AVAGO-AVT-52663 Datasheet
416Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
logo
Texas Instruments
TRF37B73 TI-TRF37B73_15 Datasheet
946Kb / 20P
TRF37B73 1-6000 MHz RF Gain Block
TRF37C73 TI-TRF37C73_15 Datasheet
946Kb / 20P
TRF37C73 1-6000 MHz RF Gain Block
TRF37D73 TI-TRF37D73_15 Datasheet
946Kb / 20P
TRF37D73 1-6000 MHz RF Gain Block
TRF37A73 TI-TRF37A73_15 Datasheet
937Kb / 20P
TRF37A73 1-6000 MHz RF Gain Block
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
TRF37C73 TI1-TRF37C73 Datasheet
985Kb / 20P
1-6000 MHz RF Gain Block
TRF37D73 TI1-TRF37D73 Datasheet
984Kb / 20P
1-6000 MHz RF Gain Block
logo
Broadcom Corporation.
AVT-51663 BOARDCOM-AVT-51663 Datasheet
358Kb / 13P
DC ??6000 MHz InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com