Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF37C75 Datasheet (PDF) - Texas Instruments

TRF37C75 Datasheet PDF - Texas Instruments
Part # TRF37C75
Download  TRF37C75 Download
File Size   1620.44 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37C75 40-4000 MHz RF Gain Block

TRF37C75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF37C75 Datasheet PDF - Texas Instruments

Part # TRF37C75
Download  TRF37C75 Click to download

File Size   1620.44 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF37C75 40-4000 MHz RF Gain Block

TRF37C75 Datasheet (HTML) - Texas Instruments


TRF37C75 Product details

1 Features
1• 40 MHz – 4000 MHz
• Gain: 18 dB
• Noise Figure: 3.5 dB
• Output P1dB: 19.5 dBm at 2000 MHz
• Output IP3: 34 dBm at 2000 MHz
• Power Down Mode
• Single Supply: 5 V
• Stabilized Performance Over Temperature
• Unconditionally Stable
• Robust ESD: >1 kV HBM; >1 kV CDM

2 Applications
• General Purpose RF Gain Block
• Consumer
• Industrial
• Utility Meters
• Low-cost Radios
• Cellular Base Station
• Wireless Infrastructure
• RF Backhaul
• Radar
• Electronic Warfare
• Software-defined Radio
• Test and Measurement
• Point-to-Point/Multipoint Microwave
• Software Defined Radios
• RF Repeaters
• Distributed Antenna Systems
• LO and PA Driver Amplifier
• Wireless Data, Satellite, DBS, CATV
• IF Amplifier

3 Description
The TRF37C75 is packaged in a 2.00mm x 2.00mm
WSON with a power down pin making it ideal for applications where space and low power modes are
critical.
The TRF37C75 is designed for ease of use. For
maximum flexibility, this family of parts uses a
common 5 V supply and consumes 85 mA. In
addition, this family was designed with an active bias circuit that provides a stable and predictable bias
current over process, temperature and voltage
variations. For gain and linearity budgets the device
was designed to provide a flat gain response and
excellent OIP3 out to 4000 MHz. For space
constrained applications this family is internally matched to 50 Ω which simplifies ease of use and
minimizes needed PCB area.




Similar Part No. - TRF37C75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
40-4000 MHz RF Gain Block
TRF37C75IDSGR TI1-TRF37C75IDSGR Datasheet
1Mb / 20P
40-4000 MHz RF Gain Block
TRF37C75IDSGT TI1-TRF37C75IDSGT Datasheet
1Mb / 20P
40-4000 MHz RF Gain Block
TRF37C75 TI-TRF37C75_15 Datasheet
1Mb / 20P
TRF37C75 40-4000 MHz RF Gain Block
More results


Similar Description - TRF37C75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37B75 TI-TRF37B75_15 Datasheet
1Mb / 20P
TRF37B75 40-4000 MHz RF Gain Block
TRF37C75 TI-TRF37C75_15 Datasheet
1Mb / 20P
TRF37C75 40-4000 MHz RF Gain Block
TRF37B75 TI1-TRF37B75 Datasheet
1Mb / 20P
40-4000 MHz RF Gain Block
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
40-4000 MHz RF Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5 Datasheet
870Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS3 BEREX-BGS3 Datasheet
849Kb / 9P
30-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_16 Datasheet
948Kb / 9P
40-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS5 BEREX-BGS5_18 Datasheet
637Kb / 10P
40-4000 MHz SILICON GERMANIUM Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com