Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3DDR3812 Datasheet (PDF) - Texas Instruments

TS3DDR3812 Datasheet PDF - Texas Instruments
Part # TS3DDR3812
Download  TS3DDR3812 Download
File Size   911.64 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications

TS3DDR3812 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3DDR3812 Datasheet PDF - Texas Instruments

Part # TS3DDR3812
Download  TS3DDR3812 Click to download

File Size   911.64 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications

TS3DDR3812 Datasheet (HTML) - Texas Instruments


TS3DDR3812 Product details

1FEATURES
• Compatible with DDR3 SDRAM Standard
(JESD79-3D)
• Wide Bandwidth of 1.675 GHz
• Low Propagation Delay (tpd = 40 ps Typ)
• Low Bit-to-Bit Skew (tsk(o) = 6 ps Typ)
• Low and Flat ON-State Resistance
(rON = 8 Ω Typ)
• Low Input/Output Capacitance
(CON = 5.6 pF Typ)
• Low Crosstalk (XTALK = –43 dB,
Typ at 250 MHz)
• VCC Operating Range from 3 V to 3.6 V
• Rail-to-Rail Switching on Data I/O Ports
(0 to VCC)
• Separate Switch Control Logic for Upper and
Lower 6-Channels
• Dedicated Enable Logic Supports Hi-Z Mode
• IOFF Protection Prevents Current Leakage in
Powered Down State (VCC = 0 V)
• ESD Performance Tested Per JESD22
– 2000 V Human Body Model
(A114B, Class II)
– 1000 V Charged Device Model (C101)
• 42-pin RUA Package (9 × 3.5 mm, 0.5 mm
Pitch)

APPLICATIONS
• DDR3 Signal Switching
• DIMM Modules
• Notebook/Desktop PCs
• Servers

DESCRIPTION
The TS3DDR3812 is a 12-channel, 1:2 multiplexer/demultiplexer switch designed for DDR3 applications. It
operates from a 3 to 3.6 V supply and offers low and flat ON-state resistance as well as low I/O capacitance
which allow it to achieve a typical bandwidth of 1.675 GHz.
Channels A0 through A11 are divided into two banks of six bits and are independently controlled via two digital
inputs called SEL1 and SEL2. These select inputs control the switch position of each 6-bit DDR3 source and
allow them to be routed to one of two end-points. Alternatively, the switch can be used to connect a single
endpoint to one of two 6-bit DDR3 sources. For switching 12-bit DDR3 sources, simply connect SEL1 and SEL2
together externally and control all 12 channels with a single GPIO input. An EN input allows the entire chip to be
placed into a high-impedance (Hi-Z) state while not in use.
These characteristics make the TS3DDR3812 an excellent choice for use in memory, analog/digital video, LAN,
and other high-speed signal switching applications.




Similar Part No. - TS3DDR3812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
TS3DDR3812RUAR TI-TS3DDR3812RUAR Datasheet
529Kb / 18P
12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
More results


Similar Description - TS3DDR3812

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com