Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB221E Datasheet (PDF) - Texas Instruments

TS3USB221E Datasheet PDF - Texas Instruments
Part # TS3USB221E
Download  TS3USB221E Download
File Size   2051.58 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 MultiplexerDemultiplexer Switch With Single Enable and IEC Level 3 ESD Protection

TS3USB221E Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3USB221E Datasheet PDF - Texas Instruments

Part # TS3USB221E
Download  TS3USB221E Click to download

File Size   2051.58 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB221E High-Speed USB 2.0 (480Mbps) 1:2 MultiplexerDemultiplexer Switch With Single Enable and IEC Level 3 ESD Protection

TS3USB221E Datasheet (HTML) - Texas Instruments


TS3USB221E Product details

1 Features
• VCC operation of 2.3V to 3.6V
• Switch I/OS accept signals up to 5.5V
• 1.8V compatible control-pin inputs
• Low-power mode when OE is disabled (1μA)
• rON = 6Ω maximum
• ΔrON = 0.2Ω typical
• CIO(ON) = 7pf maximum
• Low power consumption (30μA maximum)
• ESD performance tested:
– 7000V human body model per JEDEC JS-001
– 1000V charged-device model per JEDEC
JS-002
• ESD performance I/O port to GND:
– 12kV human body model (JEDEC JS-001)
– ±7kV contact discharge (IEC 61000-4-2)
• High bandwidth (1GHz typical)

2 Applications
• Routes signals for USB 1.0, 1.1, and 2.0
• Mobile phones
• Digital cameras
• Notebooks
• USB I/O expansion
• MHL 1.0

3 Description
The TS3USB221E is a high-bandwidth switch
specially designed for the switching of high-speed
USB 2.0 signals in handset and consumer
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
USB I/Os. The wide bandwidth (1GHz) of this switch
allows signals to pass with minimum edge and phase
distortion. The device multiplexes differential outputs
from a USB host device to one of two corresponding
outputs. The switch is bidirectional and offers little
or no attenuation of the high-speed signals at the
outputs. The TS3USB221E is designed for low bit-tobit
skew and high channel-to-channel noise isolation,
and is compatible with various standards, such as
high-speed USB 2.0 (480Mbps).
The TS3USB221E integrates ESD protection cells on
all pins, is available in a SON package (3mm ×
3mm) as well as in a tiny μQFN package (2mm
× 1.5mm) and is characterized over the free-air
temperature range from –40°C to 85°C.




Similar Part No. - TS3USB221E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221E TI-TS3USB221E Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
TS3USB221EDRCR TI-TS3USB221EDRCR Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
TS3USB221ERSER TI-TS3USB221ERSER Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
More results


Similar Description - TS3USB221E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221E TI-TS3USB221E Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE AND IEC LEVEL 3 ESD PROTECTION
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com