Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V712ERTGR.B Datasheet (PDF) - Texas Instruments

TS3V712ERTGR.B Datasheet PDF - Texas Instruments
Part # TS3V712ERTGR.B
Download  TS3V712ERTGR.B Download
File Size   446.61 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 7-CHANNEL VIDEO SWITCH

TS3V712ERTGR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3V712ERTGR.B Datasheet PDF - Texas Instruments

Part # TS3V712ERTGR.B
Download  TS3V712ERTGR.B Click to download

File Size   446.61 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 7-CHANNEL VIDEO SWITCH

TS3V712ERTGR.B Datasheet (HTML) - Texas Instruments


TS3V712ERTGR.B Product details

1FEATURES
• High Bandwidth (BW = 1.36 GHz)
• Designed for 7-Channel VGA Signals (R,G,B, H sync, Vsync, DDC Dat, and DDC CLK)
• Separate Control Logic for Data and Control
Signals
• Operating Voltage: 3.3 V ±10%
• Low and Flat ON-State Resistance
– rON = 3 Ω
– rON(flat) = 500 mΩ
• Low Crosstalk (XTALK = –49.76 dB Typ at 250
MHz)
• Low Input/Output Capacitance
– CON = 7 pF, Typ
• ESD Performance Tested
– 4-kV IEC61000-4-2, Contact Discharge on
Switch IOs
– 3-kV Human Body Model Per
JESD22-A114E
– 6-kV Human Body Model (Switch Pins to
GND)
• Suitable for Both RGB and Composite-Video
Switching
• 32-Pin Quad Flat Pack No-Lead QFN(RTG)
Package

APPLICATIONS
• Notebook Computers
• Analog VGA Peripheral Ports

DESCRIPTION/ORDERING INFORMATION
The TS3V712E is a high-bandwidth, 7-channel video multiplexer/demultiplexer for switching between multiple
VGA sources or end points. The device is designed for ensuring video signal integrity and minimizing the video
signal attenuation by providing high bandwidth of 1.36 GHz.
The video signals are protected against high ESD with integrated diodes to VDD and GND that will support up to
6-kV of ESD HBM and 4-kV contact protection.
The TS3V712E is available in a 32-pin QFN package and is characterized for operation over the free-air
temperature range of –40°C to 85°C.




Similar Part No. - TS3V712ERTGR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
464Kb / 15P
7-CHANNEL VIDEO SWITCH
More results


Similar Description - TS3V712ERTGR.B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6920 SIEMENS-TDA6920 Datasheet
1Mb / 20P
7 x 5 Video Matrix Switch
logo
Asahi Kasei Microsystem...
AK4220 AKM-AK4220 Datasheet
552Kb / 33P
7:3 Audio Switch and 6:3 Video Switch
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
Capacitor-less Video Amp with 7:2 Video Switch
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
7-CHANNEL VIDEO SWITCH
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V712-A PERICOM-PI3V712-A Datasheet
80Kb / 2P
3.3V, 7-Channel Analog Video Switch with Dual Control Logic
PI3V713 PERICOM-PI3V713 Datasheet
933Kb / 9P
3.3V, 7-Channel Analog Video Switch with Automatic Switching
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
3.3V, 7-Channel Analog Video Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com