Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB30ERSWR Datasheet (PDF) - Texas Instruments

TS3USB30ERSWR Datasheet PDF - Texas Instruments
Part # TS3USB30ERSWR
Download  TS3USB30ERSWR Download
File Size   1685.26 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable

TS3USB30ERSWR Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3USB30ERSWR Datasheet PDF - Texas Instruments

Part # TS3USB30ERSWR
Download  TS3USB30ERSWR Click to download

File Size   1685.26 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3USB30E ESD-Protected, High-Speed USB 2.0 (480Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable

TS3USB30ERSWR Datasheet (HTML) - Texas Instruments


TS3USB30ERSWR Product details

1 Features
• VCC operation at 2.7V to 4.3V
• D+/D– pins tolerate up to 5.25V
• 1.8V compatible control-pin inputs
• IOFF supports partial power-down-mode operation
• RON = 10Ω maximum
• ΔRON = 0.35Ω typical
• Cio(ON) = 7.5pF typical
• Low power consumption (70nA maximum)
• –3dB bandwidth = 1400MHz typical
• Latch-up performance exceeds
100mA per JESD 78, Class II 1
• ESD performance tested per JESD 22
– 8000V human-body model
(A114-B, Class II)
– 1000V charged-device model (C101)
• ESD performance I/O port to GND 2
– 15000V human-body model
• Packaged in 10-pin UQFN (1.8mm × 1.4mm)

2 Applications
• Routes Signals for USB 1.0, 1.1, and 2.0
• Multi-Purpose Signal Switching
• Portable Electronics
• Industrial
• Consumer Products

3 Description
The TS3USB30E is a high-bandwidth 1:2 switch
specially designed for the switching of high-speed
USB 2.0 signals in handset and consumer
applications, such as cell phones, digital cameras,
and notebooks with hubs or controllers with limited
USB I/Os. The wide bandwidth (1400MHz) of this
switch allows signals to pass with minimum edge and
phase distortion. The device multiplexes differential
outputs from a USB host device to one of two
corresponding outputs, or from two different hosts to
one corresponding output. The switch is bidirectional
and offers little or no attenuation of the high-speed
signals at the outputs. The TS3USB30E is designed
for low bit-to-bit skew and high channel-to-channel
noise isolation, and is compatible with various
standards, such as high-speed USB 2.0 (480Mbps).
The TS3USB30E integrates ESD protection cells on
all pins, is available in a tiny UQFN package (1.8mm
× 1.4mm) or a VSSOP package, and is characterized
over the free-air temperature range of –40°C to 85°C.




Similar Part No. - TS3USB30ERSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB30ERSWR TI-TS3USB30ERSWR Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30ERSWR TI1-TS3USB30ERSWR Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results


Similar Description - TS3USB30ERSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E Datasheet
705Kb / 15P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A TI-TS3USB221A_10 Datasheet
843Kb / 17P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221A-Q1 TI1-TS3USB221A-Q1 Datasheet
868Kb / 18P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI1-TS3USB30E_13 Datasheet
1Mb / 20P
ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30E TI-TS3USB30E_15 Datasheet
1Mb / 26P
TS3USB30E ESD-Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer/Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A_15 Datasheet
1Mb / 25P
TS3USB221A ESD Protected, High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer and Demultiplexer Switch With Single Enable
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com