Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A3359 Datasheet (PDF) - Texas Instruments

TS5A3359 Datasheet PDF - Texas Instruments
Part # TS5A3359
Download  TS5A3359 Download
File Size   1451.78 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5A3359 1-Ω SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer

TS5A3359 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5A3359 Datasheet PDF - Texas Instruments

Part # TS5A3359
Download  TS5A3359 Click to download

File Size   1451.78 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS5A3359 1-Ω SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer

TS5A3359 Datasheet (HTML) - Texas Instruments


TS5A3359 Product details

1 Features
• Isolation in power-down mode, VCC = 0
• Specified break-before-make switching
• Low ON-state resistance (1 Ω)
• Control inputs are 5.5 V tolerant
• Low charge injection (5 pC VCC = 1.8 V)
• Excellent ON-state resistance matching
• Low total harmonic distortion (THD)
• 1.65 V to 5.5 V single-supply operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD performance tested per JESD 22
– 2000-V human-body model
(A114-B, Class II)
– 1000-V charged-device model (C101)

2 Applications
• Cell phones
• PDAs
• Portable instrumentation
• Audio and video signal routing
• Low-voltage data acquisition systems
• Communication circuits
• Modems
• Hard drives
• Computer peripherals
• Wireless terminals and peripherals

3 Description
The TS5A3359 device is a bidirectional, single
channel, single-pole triple-throw (SP3T) analog switch
that is designed to operate from 1.65 V to 5.5 V.
This device provides a signal switching solution while
maintaining excellent signal integrity, which makes the
TS5A3359 suitable for a wide range of applications
in various markets including personal electronics,
test and measurement equipment, and portable
instrumentation. The device maintains the signal
integrity by its low ON-state resistance, excellent
ON-state resistance matching, and total harmonic
distortion (THD) performance. To prevent signal
distortion during the transferring of a signal from one
channel to another, the TS5A3359 device also has
a specified break-before-make feature. The device
consumes very low power and provides isolation
when VCC = 0.




Similar Part No. - TS5A3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359 TI-TS5A3359 Datasheet
292Kb / 22P
1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
TS5A3359 TI-TS5A3359 Datasheet
901Kb / 26P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359 Datasheet
1Mb / 29P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCTR TI-TS5A3359DCTR Datasheet
292Kb / 22P
1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
TS5A3359DCUR TI-TS5A3359DCUR Datasheet
292Kb / 22P
1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
More results


Similar Description - TS5A3359

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359 Datasheet
292Kb / 22P
1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com