Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB82AA2 Datasheet (PDF) - Texas Instruments

TSB82AA2 Datasheet PDF - Texas Instruments
Part # TSB82AA2
Download  TSB82AA2 Download
File Size   145.7 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1394b OHCI-Lynx Controller

TSB82AA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB82AA2 Datasheet PDF - Texas Instruments

Part # TSB82AA2
Download  TSB82AA2 Click to download

File Size   145.7 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1394b OHCI-Lynx Controller

TSB82AA2 Datasheet (HTML) - Texas Instruments


TSB82AA2 Product details

FEATURES
· Single 3.3-V supply (1.8-V internal core
voltage with regulator)
· 3.3-V and 5-V PCI signaling environments
· Serial bus data rates of 100M bits/s, 200M
bits/s, 400M bits/s, and 800M bits/s
· Physical write posting of up to three
outstanding transactions
· Serial ROM or boot ROM interface supports
2-wire serial EEPROM devices
· 33-MHz/64-bit and 33-MHz/32-bit selectable
PCI interface
· Multifunction terminal (MFUNC terminal 1):
– PCI_CLKRUN protocol per the PCI Mobile
Design Guide
– General-purpose I/O
– CYCLEIN/CYCLEOUT for external cycle
timer control for customized
synchronization
· PCI burst transfers and deep FIFOs to
tolerate large host latency:
– Transmit FIFO—5K asynchronous
– Transmit FIFO—2K isochronous
– Receive FIFO—2K asynchronous
– Receive FIFO—2K isochronous
· D0, D1, D2, and D3 power states and PME
events per the PCI Bus Power Management
Interface Specification
· Programmable asynchronous transmit
threshold
· Isochronous receive dual-buffer mode
· Out-of-order pipelining for asynchronous
transmit requests
· Register access fail interrupt when the PHY
SYSCLK is not active
· Initial bandwidth available and initial
channels available registers
· Digital video and audio performance
enhancements
· Fabricated in advanced low-power CMOS
process
· Packaged in 144-terminal LQFP (PGE) or
176-ball MicroStar BGA (GGW)

DESCRIPTION
The TSB82AA2 OHCI-Lynx is a discrete 1394b link-layer device, which has been designed to meet the
demanding requirements of today’s 1394 bus designs. The TSB82AA2 device is capable of exceptional 800M
bits/s performance; thus, providing the throughput and bandwidth to move data efficiently and quickly between
the PCI and 1394 buses. The TSB82AA2 device also provides outstanding ultra-low power operation and
intelligent power management capabilities. The device provides the IEEE 1394 link function and is compatible
with 100M bits/s, 200M bits/s, 400M bits/s, and 800M bits/s serial bus data rates.
The TSB82AA2 improved throughput and increased bandwidth make it ideal for today’s high-end PCs and open
the door for the development of S800 RAID- and SAN-based peripherals.
The TSB82AA2 OHCI-Lynx operates as the interface between a 33-MHz/64-bit or 33-MHz/32-bit PCI local bus
and a compatible 1394b PHY-layer device (such as the TSB81BA3 device) that is capable of supporting serial
data rates at 98.304M, 196.608M, 393.216M, or 786.432M bits/s (referred to as S100, S200, S400, or S800
speeds, respectively). When acting as a PCI bus master, the TSB82AA2 device is capable of multiple cacheline
bursts of data, which can transfer at 264M bytes/s for 64-bit transfers or 132M bytes/s for 32-bit transfers after
connecting to the memory controller.




Similar Part No. - TSB82AA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB82AA2 TI-TSB82AA2 Datasheet
461Kb / 104P
1394b OHCI-LYNX CONTROLLER
TSB82AA2 TI1-TSB82AA2 Datasheet
40Kb / 4P
1394b OHCI-Lynx Controller
TSB82AA2-EP TI-TSB82AA2-EP Datasheet
719Kb / 102P
1394b OHCI-Lynx Controller Data Manual
TSB82AA2-EP TI1-TSB82AA2-EP Datasheet
678Kb / 103P
1394b OHCI-Lynx Controller
TSB82AA2-EP TI1-TSB82AA2-EP_14 Datasheet
678Kb / 103P
1394b OHCI-Lynx Controller
More results


Similar Description - TSB82AA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB82AA2 TI-TSB82AA2 Datasheet
461Kb / 104P
1394b OHCI-LYNX CONTROLLER
TSB82AA2B TI-TSB82AA2B Datasheet
79Kb / 5P
1394b OHCI-Lynx??CONTROLLER
TSB82AA2-EP TI-TSB82AA2-EP Datasheet
719Kb / 102P
1394b OHCI-Lynx Controller Data Manual
TSB82AA2IPGE TI1-TSB82AA2IPGE Datasheet
33Kb / 3P
1394b OHCI-Lynx Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB82AA2 TI1-TSB82AA2_14 Datasheet
40Kb / 4P
1394b OHCI-Lynx Controller
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB82AA2B TI1-TSB82AA2B_14 Datasheet
539Kb / 102P
OHCI-Lynx Controller
TSB82AA2-EP TI1-TSB82AA2-EP_14 Datasheet
678Kb / 103P
1394b OHCI-Lynx Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com