Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2046 Datasheet (PDF) - Texas Instruments

TSC2046 Datasheet PDF - Texas Instruments
Part # TSC2046
Download  TSC2046 Download
File Size   1142.91 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Voltage I/O TOUCH SCREEN CONTROLLER

TSC2046 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2046 Datasheet PDF - Texas Instruments

Part # TSC2046
Download  TSC2046 Click to download

File Size   1142.91 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Voltage I/O TOUCH SCREEN CONTROLLER

TSC2046 Datasheet (HTML) - Texas Instruments


TSC2046 Product details

FEATURES
SAME PINOUT AS ADS7846
2.2V TO 5.25V OPERATION
1.5V TO 5.25V DIGITAL I/O
INTERNAL 2.5V REFERENCE
DIRECT BATTERY MEASUREMENT (0V TO 6V)
ON-CHIP TEMPERATURE MEASUREMENT
TOUCH-PRESSURE MEASUREMENT
QSPI AND SPI 3-WIRE INTERFACE
AUTO POWER-DOWN
AVAILABLE IN TSSOP-16, QFN-16, AND
VFBGA-48 PACKAGES

APPLICATIONS
PERSONAL DIGITAL ASSISTANTS
PORTABLE INSTRUMENTS
POINT-OF-SALE TERMINALS
PAGERS
TOUCH SCREEN MONITORS
CELLULAR PHONES

DESCRIPTION
The TSC2046 is a next-generation version to the
ADS7846 4-wire touch screen controller which supports
a low-voltage I/O interface from 1.5V to 5.25V. The
TSC2046 is 100% pin-compatible with the existing
ADS7846, and will drop into the same socket. This allows
for easy upgrade of current applications to the new
version. The TSC2046 also has an on-chip 2.5V
reference that can be used for the auxiliary input, battery
monitor, and temperature measurement modes. The
reference can also be powered down when not used to
conserve power. The internal reference operates down to
2.7V supply voltage, while monitoring the battery voltage
from 0V to 6V.
The low power consumption of < 0.75mW typ at 2.7V
(reference off), high-speed (up to 125kHz sample rate),
and on-chip drivers make the TSC2046 an ideal choice for
battery-operated systems such as personal digital
assistants (PDAs) with resistive touch screens, pagers,
cellular phones, and other portable equipment. The
TSC2046 is available in TSSOP-16, QFN-16, and
VFBGA-48 packages and is specified over the –40°C to
+85°C temperature range.




Similar Part No. - TSC2046

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046 TI1-TSC2046 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
TSC2046E TI2-TSC2046E Datasheet
639Kb / 30P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
JUNE 2010
TSC2046E TI2-TSC2046E Datasheet
1Mb / 34P
Low Voltage I/O TOUCH SCREEN CONTROLLER
REVISED JANUARY 2008
More results


Similar Description - TSC2046

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Burr-Brown (TI)
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
TSC2046 TI1-TSC2046_16 Datasheet
1Mb / 32P
Low-Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com