Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2301IPAGRG4 Datasheet (PDF) - Texas Instruments

TSC2301IPAGRG4 Datasheet PDF - Texas Instruments
Part # TSC2301IPAGRG4
Download  TSC2301IPAGRG4 Download
File Size   1161.72 Kbytes
Page   95 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC

TSC2301IPAGRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2301IPAGRG4 Datasheet PDF - Texas Instruments

Part # TSC2301IPAGRG4
Download  TSC2301IPAGRG4 Click to download

File Size   1161.72 Kbytes
Page   95 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC

TSC2301IPAGRG4 Datasheet (HTML) - Texas Instruments


TSC2301IPAGRG4 Product details

FEATURES
· SPI™ Serial Interface
· Touch Screen Controller
– 4-Wire Touch Screen Interface
– Internal Detection of Screen Touch and
Keypad Press
– Touch Pressure Measurement
– Ratiometric Conversion
– Programmable 8-, 10- or 12-Bit Resolution
– Programmable Sampling Rates Up to 125
kHz
– Direct Battery Measurement (0 to 6 V)
– On-Chip Temperature Measurement
– 4-by-4 Keypad Interface With
Programmable De-Bounce and Key
Masking
– Integrated Touch Screen Processor
Reduces Host CPU Interrupts and Overhead
– Internal Timing Control With Programmable Delays and Averaging
· Stereo Audio Codec
– 20-Bit Delta-Sigma ADC/DAC
– Dynamic Range: 98 dB
– Sampling Rate Up to 48 kHz
– I2S Serial Interface
– Stereo 16-W Headphone Driver
· Full Power-Down Control
· 8-Bit Current Output DAC
· On-Chip Crystal Oscillator
· Programmable Bass/ Midrange/ Treble EQ
Effects Processing
· 6 GPIO Pins
· Single 2.7-V to 3.6-V Supply
· 64-Pin TQFP Package
· 120-Ball MicroStar Junior™ BGA Package

APPLICATIONS
· Personal Digital Assistants
· Cellular Phones
· MP3 Players
· Internet Appliances
· Smartphones

DESCRIPTION
The TSC2301 is a highly integrated PDA analog
interface circuit. It contains a complete 12-bit A/D
resistive touch screen converter (ADC) including
drivers, touch pressure measurement capability,
keypad controller, and 8-bit D/A converter (DAC)
output for LCD contrast control. The TSC2301 offers
programmable resolution of 8, 10, and 12 bits and
sampling rates up to 125 kHz to accommodate
different screen sizes. The TSC2301 interfaces to the
host controller through a standard SPI serial
interface.
The TSC2301 features a high-performance 20-bit, 48-ksps stereo audio codec with highly integrated
analog functionality. The audio portion of the
TSC2301 contains microphone input with built-in
pre-amp and microphone bias circuit, an auxiliary
stereo analog input, a stereo line-level output, a
differential mono line-level output, and a stereo
headphone amplifier output. The digital audio data is
transferred through a standard I2S interface. A fully
programmable PLL for generating audio clocks from a
wide variety of system clocks is also included.
The TSC2301 also offers two battery measurement
inputs capable of battery voltages up to 6 V, while
operating at a supply voltage of only 2.7 V. It also has
an on-chip temperature sensor capable of reading
0.3°C resolution. The TSC2301 is available in 64-lead
TQFP, and 120-ball VFBGA packages.
US Patent No. 6246394




Similar Part No. - TSC2301IPAGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301IPAGR TI-TSC2301IPAGR Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2301IPAGR TI1-TSC2301IPAGR Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results


Similar Description - TSC2301IPAGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
Audio Codec with Touch Screen Controller
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com