Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV912AIDDFR Datasheet (PDF) - Texas Instruments

TSV912AIDDFR Datasheet PDF - Texas Instruments
Part # TSV912AIDDFR
Download  TSV912AIDDFR Download
File Size   3879.67 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers

TSV912AIDDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV912AIDDFR Datasheet PDF - Texas Instruments

Part # TSV912AIDDFR
Download  TSV912AIDDFR Click to download

File Size   3879.67 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers

TSV912AIDDFR Datasheet (HTML) - Texas Instruments


TSV912AIDDFR Product details

1 Features
1• Rail-to-rail input and output
• Low noise: 18 nV/√Hz at 1 kHz
• Low power consumption: 550 μA (typical)
• High-gain bandwidth: 8 MHz
• Operating supply voltage from 2.5 V to 5.5 V
• Low input bias current: 1 pA (typical)
• Low input offset voltage: 1.5 mV (maximum)
• Low offset voltage drift: ±0.5 μV/°C (typical)
• ESD internal protection: ±4-kV human-body model
(HBM)
• Extended temperature range: –40°C to 125°C

2 Applications
• Battery-powered applications
• Motor control
• Power modules
• HVAC: heating, ventilating, and air conditioning
• Washing machines
• Refrigerators
• Medical instrumentation
• Active filters
• Sensor signal conditioning
• Audio receiver
• Automotive infotainment

3 Description
The TSV91x family, which includes single-, dual-, and
quad-channel operational amplifiers (op amps), is
specifically designed for general-purpose
applications. Featuring rail-to-rail input and output
RRIO) swings, wide bandwidth (8 MHz), and low
offset voltage (0.3 mV, typical), this family is designed
for a variety of applications that require a good
balance between speed and power consumption. The
op amps are unity-gain stable and feature an ultralow
input bias current, which enables the family to be
used in applications with high-source impedances.
The low input bias current allows the devices to be
used for sensor interfaces, battery-supplied and
portable applications, and active filtering.
The robust design of the TSV91x provides ease-ofuse
to the circuit designer. Features include a unitygain
stable, integrated RFI-EMI rejection filter, no
phase reversal in overdrive condition, and high
electrostatic discharge (ESD) protection (4-kV HBV).




Similar Part No. - TSV912AIDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSV912AIDDFR TI1-TSV912AIDDFR Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Similar Description - TSV912AIDDFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
logo
STMicroelectronics
TSV912HYDT STMICROELECTRONICS-TSV912HYDT Datasheet
798Kb / 16P
High temperature rail-to-rail input/output 8 MHz operational amplifiers
08-Jul-2010
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_V01 Datasheet
4Mb / 52P
TSV91x Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com