Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX50P02DF Datasheet (PDF) - Shunxin Technology Co., Ltd.

SX50P02DF Datasheet PDF - Shunxin Technology Co., Ltd.
Part # SX50P02DF
Download  SX50P02DF Download
File Size   1956.09 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description -20V P-Channel Enhancement Mode MOSFET

SX50P02DF Datasheet (PDF)

Go To PDF Page Download Datasheet
SX50P02DF Datasheet PDF - Shunxin Technology Co., Ltd.

Part # SX50P02DF
Download  SX50P02DF Click to download

File Size   1956.09 Kbytes
Page   5 Pages
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.
Description -20V P-Channel Enhancement Mode MOSFET

SX50P02DF Datasheet (HTML) - Shunxin Technology Co., Ltd.


SX50P02DF Product details

Description
The SX50P02DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - SX50P02DF

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX500 CANDD-SX500 Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX500 CANDD-SX500 Datasheet
91Kb / 4P
AC/DC POWER SUPPLY
SX500-U1A CANDD-SX500-U1A Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX500-U1B CANDD-SX500-U1B Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX500-U1C CANDD-SX500-U1C Datasheet
475Kb / 4P
500 WATT AC/DC POWER SUPPLY
More results


Similar Description - SX50P02DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com