Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2461 Datasheet (PDF) - TEKTRONIX, INC

2461 Datasheet PDF - TEKTRONIX, INC
Part # 2461
Download  2461 Download
File Size   4677.5 Kbytes
Page   16 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description 2461 SourceMeter ® SMU Instrument

2461 Datasheet (PDF)

Go To PDF Page Download Datasheet
2461 Datasheet PDF - TEKTRONIX, INC

Part # 2461
Download  2461 Click to download

File Size   4677.5 Kbytes
Page   16 Pages
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC
Description 2461 SourceMeter ® SMU Instrument

2461 Datasheet (HTML) - TEKTRONIX, INC


2461 Product details

Key Features
• One tightly coupled instrument that combines the capabilities of analyzers, curve tracers, and I-V systems at a fraction of their cost
• Wide coverage up to 105 V/7 A DC 100 W, 100 V/10 A Pulse 1000 W max.
• Dual 1 MS/s digitizers for fast sampling measurements
• Five-inch, high resolution capacitive touchscreen GUI
• 0.012% DCV accuracy with 6½-digit resolution
• Source and sink (4-quadrant) operation
• Four “Quickset” modes for fast setup and measurements
• Context-sensitive help function
• Front panel input banana jacks; rear panel mass termination screw connections
• SCPI and Test Script Processor (TSP®) programming modes
• Front-panel USB 2.0 memory I/O port for transferring data, test scripts, or test configurations




Similar Part No. - 2461

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
2461 KEYSTONE-2461 Datasheet
237Kb / 1P
PC BATTERY HOLDER
10.11.95
2461 KEYSTONE-2461 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2461 HEYCO-2461 Datasheet
106Kb / 1P
Snap Bushings
logo
Abbatron All Rights Res...
2461 ABBATRON-2461 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2461 ADAFRUIT-2461 Datasheet
544Kb / 2P
Passive GPS Antenna uFL - 15mm x 15mm 1 dBi gain
10-30-17
More results


Similar Description - 2461

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
TEKTRONIX, INC.
2400 TEKTRONIX-2400 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
2600B TEKTRONIX-2600B Datasheet
1Mb / 35P
2600B System SourceMeter SMU Instruments
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
2606B System SourceMeter SMU Instrument
2651A TEKTRONIX-2651A Datasheet
647Kb / 7P
50A, High Power System SourceMeter짰 SMU Instrument
2657A TEKTRONIX-2657A Datasheet
548Kb / 4P
High Power System SourceMeter SMU Instrument
2461-EC TEKTRONIX-2461-EC Datasheet
2Mb / 16P
2461-EC Graphical Potentiostat
2510 TEKTRONIX-2510 Datasheet
307Kb / 4P
TEC SourceMeter짰 SMU Instrument Autotuning TEC SourceMeter SMU Instrument
6430 TEKTRONIX-6430 Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
2600B TEKTRONIX-2600B_V01 Datasheet
2Mb / 36P
2600B System SourceMeter® SMU Instruments
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com