Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D72MC Datasheet (PDF) - Howard Butler Ltd

D72MC Datasheet PDF - Howard Butler Ltd
Part # D72MC
Download  D72MC Download
File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

D72MC Datasheet (PDF)

Go To PDF Page Download Datasheet
D72MC Datasheet PDF - Howard Butler Ltd

Part # D72MC
Download  D72MC Click to download

File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

D72MC Datasheet (HTML) - Howard Butler Ltd


D72MC Product details

DESCRIPTION
Available with moving iron or moving coil movements for a.c. or d.c. use, these DIN panel meters have been supplied worldwide and are recognised for their quality and value. Standard scales or customised dials can be offered.
• Manufactured to: DIN 43700, IEC51 and BS89.
• 48mm, 72mm and 96mm sizes.
• a.c. or d.c. use.
• Interchangeable dials (72mm & 96mm).
• Rugged pivot and jewel movement.
• Ammeters, Voltmeters, Frequency Meters, Power Factor Indicators, Wattmeters, Elapsed Time Indicators and Maximum Demand Indicators.
• Optional red secondary pointer and terminal cover.
• Special customised dials.




Similar Part No. - D72MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D720 ETC2-D720 Datasheet
45Kb / 8P
Control/Communicators
D7212 ETC2-D7212 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
logo
eupec GmbH
D721S EUPEC-D721S Datasheet
92Kb / 7P
Schnelle Gleichrichterdiode Fast Diode
D721S45T EUPEC-D721S45T Datasheet
92Kb / 7P
Schnelle Gleichrichterdiode Fast Diode
logo
NEC
D7220D NEC-D7220D Datasheet
164Kb / 3P
High-Performance Graphics Display Controller
More results


Similar Description - D72MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com