Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES50-2 Datasheet (PDF) - Howard Butler Ltd

ES50-2 Datasheet PDF - Howard Butler Ltd
Part # ES50-2
Download  ES50-2 Download
File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

ES50-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES50-2 Datasheet PDF - Howard Butler Ltd

Part # ES50-2
Download  ES50-2 Click to download

File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

ES50-2 Datasheet (HTML) - Howard Butler Ltd


ES50-2 Product details

DESCRIPTION
Available with moving iron or moving coil movements for a.c. or d.c. use, these DIN panel meters have been supplied worldwide and are recognised for their quality and value. Standard scales or customised dials can be offered.
• Manufactured to: DIN 43700, IEC51 and BS89.
• 48mm, 72mm and 96mm sizes.
• a.c. or d.c. use.
• Interchangeable dials (72mm & 96mm).
• Rugged pivot and jewel movement.
• Ammeters, Voltmeters, Frequency Meters, Power Factor Indicators, Wattmeters, Elapsed Time Indicators and Maximum Demand Indicators.
• Optional red secondary pointer and terminal cover.
• Special customised dials.




Similar Part No. - ES50-2

ManufacturerPart #DatasheetDescription
logo
ABB
ES50 ABB-ES50 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results


Similar Description - ES50-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com