Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D96CMD Datasheet (PDF) - Howard Butler Ltd

D96CMD Datasheet PDF - Howard Butler Ltd
Part # D96CMD
Download  D96CMD Download
File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

D96CMD Datasheet (PDF)

Go To PDF Page Download Datasheet
D96CMD Datasheet PDF - Howard Butler Ltd

Part # D96CMD
Download  D96CMD Click to download

File Size   244.52 Kbytes
Page   4 Pages
Manufacturer  HOBUT [Howard Butler Ltd]
Direct Link  https://www.hobut.co.uk/
Logo HOBUT - Howard Butler Ltd
Description DIN RANGE PANEL METERS

D96CMD Datasheet (HTML) - Howard Butler Ltd


D96CMD Product details

DESCRIPTION
Available with moving iron or moving coil movements for a.c. or d.c. use, these DIN panel meters have been supplied worldwide and are recognised for their quality and value. Standard scales or customised dials can be offered.
• Manufactured to: DIN 43700, IEC51 and BS89.
• 48mm, 72mm and 96mm sizes.
• a.c. or d.c. use.
• Interchangeable dials (72mm & 96mm).
• Rugged pivot and jewel movement.
• Ammeters, Voltmeters, Frequency Meters, Power Factor Indicators, Wattmeters, Elapsed Time Indicators and Maximum Demand Indicators.
• Optional red secondary pointer and terminal cover.
• Special customised dials.




Similar Part No. - D96CMD

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D96 FREQUENCYDEVICES-D96 Datasheet
201Kb / 5P
6 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
logo
Mitsumi Electronics, Co...
D96-004-5319B MITSUMI-D96-004-5319B Datasheet
74Kb / 2P
Mini Serial Bus Connectors (B TYPE)
logo
NXP Semiconductors
D96085 NXP-D96085 Datasheet
831Kb / 16P
RF Power LDMOS Transistor
logo
Jiangsu Changjiang Elec...
D965 JIANGSU-D965 Datasheet
530Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Stanson Technology
D965 STANSON-D965 Datasheet
80Kb / 1P
NPN TRANSISTOR
More results


Similar Description - D96CMD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
240 Series DIN Panel Meters
logo
List of Unclassifed Man...
USCLSXSXR1AVHTX ETC2-USCLSXSXR1AVHTX Datasheet
402Kb / 12P
Digital Panel Meters Modular signal conditioner Type USC-DIN
logo
M-System Co.,Ltd.
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
Digital Panel Meters 47NL Series
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com