Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC6422ZPC Datasheet (PDF) - Texas Instruments

DLPC6422ZPC Datasheet PDF - Texas Instruments
Part # DLPC6422ZPC
Download  DLPC6422ZPC Download
File Size   1541.1 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC6422 DLP® Digital Controller

DLPC6422ZPC Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPC6422ZPC Datasheet PDF - Texas Instruments

Part # DLPC6422ZPC
Download  DLPC6422ZPC Click to download

File Size   1541.1 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC6422 DLP® Digital Controller

DLPC6422ZPC Datasheet (HTML) - Texas Instruments


DLPC6422ZPC Product details

1 Features
• Digital controller for DLP78TUV (.78 inch 8.3-
megapixel) DMD
– Dual controller Up to 4K at 60Hz
– Single controller Up to 1080p at 120Hz
Provides a single 30-bit or dual 60-bit input pixel
interface:
– YUV, YCrCb, RGB data format
– RGB data format
– 8, 9, or 10 bits per color
– Pixel clock up to 320MHz in dual 30-bit mode
on a single controller
– Pixel clock up to 600MHz in dual 30-bit mode
on dual controllers
• High-speed, low-voltage differential signaling
(LVDS) DMD interface
• 150MHz ARM946™ microprocessor
• Microprocessor peripherals
– Programmable pulse-width modulation (PWM)
and capture timers
– Three I2C ports, three UART ports, and three
SSP ports
– One USB 1.1 secondary port
• Image processing
– Multiple image processing algorithms
– Frame rate conversion
– Color coordinate adjustment
– Programmable color space conversion
– Programmable degamma and splash
• Integrated clock generation circuitry
– Operates on a single 20MHz crystal
– Integrated spread spectrum clocking
• External memory support
– Parallel flash for microprocessor and PWM
sequence
• 516-pin plastic ball grid array package
• Supports LED and laser hybrid illuminations

2 Applications
• 3D printers
• Laser marking
• Laser manufacturing
• Digital imaging and light exposure

3 Description
The DLPC6422 is a digital light controller for
the DLP® imaging chipset. The chipset comprises
the DLPC6422 light controller, the DLP digital
micromirror device (DMD) DLP78TUV, the DLPA100
power management device, and the DLPA300 DMD
micromirror driver (refer to the DMD data sheet).
This system is a great fit for DLP 3D Print and
other imaging applications that require high speed,
high resolution, UV wavelength, high light throughput,
and a robust system. For reliable operation, the
DLPC6422 light controller must always be used with
a DLP DMD DLP78TUV and respective DLP power
management devices.




Similar Part No. - DLPC6422ZPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421 TI1-DLPC6421 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421AZPC TI1-DLPC6421AZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421ZPC TI1-DLPC6421ZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
More results


Similar Description - DLPC6422ZPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
DLP Digital Controller
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC4422 TI1-DLPC4422_V01 Datasheet
1Mb / 49P
DLPC4422 DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
DLPC1438 Digital Controller for DLP 3D Printers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com