Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES21A00DDFR Datasheet (PDF) - Texas Instruments

RES21A00DDFR Datasheet PDF - Texas Instruments
Part # RES21A00DDFR
Download  RES21A00DDFR Download
File Size   5162.75 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RES21A Matched, Thin-Film Resistor Dividers With 10kΩ Inputs

RES21A00DDFR Datasheet (PDF)

Go To PDF Page Download Datasheet
RES21A00DDFR Datasheet PDF - Texas Instruments

Part # RES21A00DDFR
Download  RES21A00DDFR Click to download

File Size   5162.75 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RES21A Matched, Thin-Film Resistor Dividers With 10kΩ Inputs

RES21A00DDFR Datasheet (HTML) - Texas Instruments


RES21A00DDFR Product details

1 Features
• Wide temperature range: –40°C to +125°C
• Ratio = RIN : RG, RIN = 10kΩ (nominal)
• Highly precise ratio tolerance: ±0.05% (maximum)
• Low drift: ±2ppm/°C TCRratio (maximum)

2 Applications
• Precision voltage divider, precision level translation
• Amplifier gain and attenuation configuration
• Discrete difference and instrumentation amplifier
implementations with high CMRR and gain
accuracy
• Accurate gain setting for fully differential amplifiers
• Pinpoint comparator threshold setting

3 Description
The RES21A is a matched pair of resistive dividers,
implemented in thin-film SiCr with Texas Instruments'
modern, high-performance, analog CMOS process.
The device has a nominal input resistance of
10kΩ, supporting higher divider voltages than the
RES11A, and is available in several nominal ratios
to meet a wide array of system needs. Use the
RES21A in an inverse gain configuration by simply
rotating the device placement by 180°. This feature
supports layout reuse and increases flexibility for
applications such as discrete instrumentation or
difference amplifier implementations.
The RES21A series features high ratio-matching
precision, with the measured ratio of each divider
within ±0.05% (±500ppm) of the nominal. This
precision is maintained over the temperature range,
with a maximum ratio drift of only ±2ppm/°C.
Additionally, the biased long-term stability of
the device has been proven through thorough
characterization.
The RES21A is specified with a temperature range
from –40°C to +125°C. The device is offered in an
8‑pin, SOT‑23-THIN package, with a body size of
2.9mm × 1.6mm (body size is a nominal value and
does not include pins).




Similar Part No. - RES21A00DDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RES21A00-Q1 TI2-RES21A00-Q1 Datasheet
5Mb / 50P
RES21A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 10kΩ Inputs
NOVEMBER 2025
RES21A00QDDFRQ1 TI2-RES21A00QDDFRQ1 Datasheet
5Mb / 50P
RES21A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 10kΩ Inputs
NOVEMBER 2025
More results


Similar Description - RES21A00DDFR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
03-Dec-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
Thin Film Microwave Resistor
18-Apr-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Texas Instruments
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com