Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70302 Datasheet (PDF) - Texas Instruments

TPS70302 Datasheet PDF - Texas Instruments
Part # TPS70302
Download  TPS70302 Download
File Size   1314.64 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS

TPS70302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS70302 Datasheet PDF - Texas Instruments

Part # TPS70302
Download  TPS70302 Click to download

File Size   1314.64 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS

TPS70302 Datasheet (HTML) - Texas Instruments


TPS70302 Product details

1FEATURES
23• Dual Output Voltages for Split-Supply
Applications
• Independent Enable Functions (See Part
Number TPS704xx for Independent Enabling of
Each Output)
• Output Current Range of 1 A on Regulator 1
and 2A on Regulator 2
• Fast Transient Response
• Voltage Options: 3.3 V/2.5 V, 3.3 V/1.8 V, 3.3
V/1.5 V, 3.3 V/1.2 V, and Dual Adjustable
Outputs
• Open Drain Power-On Reset with 120 ms Delay
• Open Drain Power Good for Regulator 1
• Ultralow 185 mA (typ) Quiescent Current
• 2 mA Input Current During Standby
• Low Noise: 78 mVRMS Without Bypass
Capacitor
• Quick Output Capacitor Discharge Feature
• Two Manual Reset Inputs
• 2% Accuracy Over Load and Temperature
• Undervoltage Lockout (UVLO) Feature
• 24-Pin PowerPAD™ TSSOP Package
• Thermal Shutdown Protection

DESCRIPTION
The TPS703xx family of devices is designed to
provide a complete power management solution for
TI DSP, processor power, ASIC, FPGA, and digital
applications where dual output voltage regulators are
required. Easy programmability of the sequencing
function makes this family ideal for any TI DSP
application with power sequencing requirements.
Differentiated features, such as accuracy, fast
transient response, SVS supervisory circuit (power-on
reset), manual reset inputs, and enable function,
provide a complete system solution.




Similar Part No. - TPS70302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70302 TI-TPS70302 Datasheet
575Kb / 35P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70302 TI-TPS70302 Datasheet
874Kb / 46P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302 TI2-TPS70302 Datasheet
1Mb / 48P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
REVISED APRIL 2010
TPS70302PWP TI-TPS70302PWP Datasheet
575Kb / 35P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70302PWP TI-TPS70302PWP Datasheet
874Kb / 46P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results


Similar Description - TPS70302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70445PWPR TI-TPS70445PWPR Datasheet
892Kb / 40P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com