Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146I Datasheet (PDF) - Texas Instruments

TUSB1146I Datasheet PDF - Texas Instruments
Part # TUSB1146I
Download  TUSB1146I Download
File Size   1665.58 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch

TUSB1146I Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB1146I Datasheet PDF - Texas Instruments

Part # TUSB1146I
Download  TUSB1146I Click to download

File Size   1665.58 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch

TUSB1146I Datasheet (HTML) - Texas Instruments


TUSB1146I Product details

1 Features
1• USB Type-C crosspoint switch supporting
– USB 3.2 SSP + 2 DisplayPort Lanes
– 4 DisplayPort Lanes
• USB 3.2 x1 Gen 1/Gen 2 up to 10 Gbps
• VESA®DisplayPort 2.0 up to 10 Gbps (UHBR10)
• Supports D_DFP pin assignments C, D, and E
• Choice between adaptive or fixed equalization for
USB DFP receivers.
• Linear and limited redriver supported on UFP
transmitter
• Limited redriver option offers both TX voltage
swing and TX equalization control
– 4 Levels of TX voltage swing from 800 mVpp
up to 1100 mVpp
– TX pre-shoot and de-emphasis
• Ultra-low-power architecture
• Up to 12 dB equalization at 5 GHz
• Transparent to DisplayPort link training
• Configuration through GPIO or I2C
• Intel proprietary DCI capability on USB Type-C for
closed chassis debugging
• Hot-Plug capable
• Industrial temperature range: –40 ºC to 85 ºC
(TUSB1146I)
• Commercial temperature range: 0 ºC to 70 ºC
(TUSB1146)
• 4 mm x 6 mm, 0.4 mm Pitch WQFN package

2 Applications
• Notebooks and desktops
• Tablets
• Docking Stations

3 Description
The TUSB1146 is a VESA USB Type-C™ Alt Mode
redriving switch supporting USB 3.2 data rates up to
10 Gbps and DisplayPort 2.0 up to 10 Gbps for
downstream facing port (Host). The device is used for
configurations C, D, and E from the VESA
DisplayPort Alt Mode on USB Type-C standard. This
protocol-agnostic linear redriver is also capable of
supporting other USB Type-C Alt Mode interfaces
such as HDMI Alt Mode.
The TUSB1146 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically find the best ISI compensation
setting between the USB device and the TUSB1146.
Because the AEQ finds the best setting,
interoperability between a USB Host and USB Device
is vastly improved. The TUSB1146 operates on a
single 3.3-V supply and comes in a commercial
temperature range and industrial temperature range.




Similar Part No. - TUSB1146I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1146I TI1-TUSB1146I Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146IRNQR TI1-TUSB1146IRNQR Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1146IRNQT TI1-TUSB1146IRNQT Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Similar Description - TUSB1146I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com