Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXB0101DBVRG4 Datasheet (PDF) - Texas Instruments

TXB0101DBVRG4 Datasheet PDF - Texas Instruments
Part # TXB0101DBVRG4
Download  TXB0101DBVRG4 Download
File Size   2150.95 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection

TXB0101DBVRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0101DBVRG4 Datasheet PDF - Texas Instruments

Part # TXB0101DBVRG4
Download  TXB0101DBVRG4 Click to download

File Size   2150.95 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection

TXB0101DBVRG4 Datasheet (HTML) - Texas Instruments


TXB0101DBVRG4 Product details

1 Features
• Available in the Texas Instruments NanoFree™
package
• 1.2V to 3.6V on A port and
1.65V to 5.5V on B port (VCCA ≤ VCCB)
• VCC isolation feature – if either VCC input is at
GND, all outputs are in the high-impedance state
• OE input circuit referenced to VCCA
• Low power consumption, 5μA maximum ICC
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100mA Per JESD
78, class II
• ESD protection Exceeds JESD 22
– A port
• 2000V Human body model (A114-B)
• 250V Machine model (A115-A)
• 1500V Charged-device model (C101)
– B port
• 15kV Human body model (A114-B)
• 250V Machine model (A115-A)
• 1500V Charged-device model (C101)

2 Applications
• Handsets
• Smartphones
• Tablets
• Desktop PCs

3 Description
This 1-bit noninverting translator uses two separate
configurable power-supply rails. The A port is
designed to track VCCA. VCCA accepts any supply
voltage from 1.2V to 3.6V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.2V, 1.5V,
1.8V, 2.5V, 3.3V, and 5V voltage nodes. VCCA should
not exceed VCCB.
When the output-enable (OE) input is low, all outputs
are placed in the high-impedance state.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.
To ensure the high-impedance state during power up
or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor
is determined by the current-sourcing capability of the
driver.
NanoFree™ package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.




Similar Part No. - TXB0101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101DBVRG4 TI-TXB0101DBVRG4 Datasheet
489Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVRG4 TI-TXB0101DBVRG4 Datasheet
838Kb / 22P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101DBVRG4 TI1-TXB0101DBVRG4 Datasheet
1Mb / 31P
1-Bit Bidirectional Level-Shifting and Voltage Translator
More results


Similar Description - TXB0101DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3304 UNIONSEMI-UM3304 Datasheet
398Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹4kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com