Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXB0302 Datasheet (PDF) - Texas Instruments

TXB0302 Datasheet PDF - Texas Instruments
Part # TXB0302
Download  TXB0302 Download
File Size   985.9 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing

TXB0302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0302 Datasheet PDF - Texas Instruments

Part # TXB0302
Download  TXB0302 Click to download

File Size   985.9 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing

TXB0302 Datasheet (HTML) - Texas Instruments


TXB0302 Product details

1FEATURES
• Fully Symmetric Supply Voltages.
0.9 V to 3.6 V on A Port and 0.9 V to 3.6 V
• VCC Isolation Feature — If Either VCC Input Is at
GND, All Outputs Are in the High-Impedance
State
• OE Input Circuit Referenced to VCCA
• Low Power Consumption, 5-μA Max I CC
• Ioff Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 4000-V Human-Body Model (A114-B)
– 1000-V Charged-Device Model (C101)

DESCRIPTION
This 2-bit noninverting translator uses two separate
configurable power-supply rails. The A port is
designed to track VCCA. VCCA accepts any supply
voltage from 0.9 V to 3.6 V. The B port is designed to
track VCCB. VCCB accepts any supply voltage from
0.9 V to 3.6 V. This allows for low-voltage
bidirectional translation between 1-V, 1.2-V, 1.5-V,
1.8-V, 2.5-V and 3.3-V voltage nodes. For the
TXB0302, when the output-enable (OE) input is low,
all outputs are placed in the high-impedance state. To
ensure the high-impedance state during power up or
power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is
determined by the current-sourcing capability of the
driver. The TXB0302 is designed so that the OE input
circuit is supplied by VCCA. This device is fully
specified for partial-power-down applications using
Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when
it is powered down.




Similar Part No. - TXB0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0302DQMR TI1-TXB0302DQMR Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
More results


Similar Description - TXB0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com